Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2114 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2114
Description  SCSI Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2114 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2114 Datasheet HTML 1Page - Dallas Semiconductor DS2114 Datasheet HTML 2Page - Dallas Semiconductor DS2114 Datasheet HTML 3Page - Dallas Semiconductor DS2114 Datasheet HTML 4Page - Dallas Semiconductor DS2114 Datasheet HTML 5Page - Dallas Semiconductor DS2114 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS2114
070198 2/6
FUNCTIONAL DESCRIPTION
The DS2114 consists of a bandgap reference, buffer
amplifier, and nine termination resistors (Figure 1). The
bandgap reference circuit produces a precise 2.55 volts
level which is fed to a buffer amplifier. The buffer pro-
duces a 2.85 volts level and is capable of sourcing at
least 24 mA into each of the termination resistors when
the signal line is low (active). When the driver for a given
signal line turns off, the terminator will pull the signal line
to 2.85 volts (quiescent state). To handle actively ne-
gated SCSI signals, the buffer can sink at least 200 mA
and Vref will move less than 60 mV. When all lines settle
in the quiescent state, the regulator will consume about
2.5 mA.
To ensure proper operation, both the TERMPWR1 and
TERMPWR2 pins must be connected to the SCSI bus
TERMPWR line and both the VREF1 and VREF2 pins
must be tied together externally. Each DS2114 requires
a 4.7
µF capacitor connected between the VREF pins
and ground. Figure 2 details a typical SCSI bus configu-
ration. In an 8–bit wide SCSI bus arrangement (“A”
Cable), two DS2114’s would be needed at each end of
the SCSI cable in order to terminate the 18 active signal
lines. In a 16–bit wide SCSI bus arrangement (“P”
Cable), three DS2114’s would be needed at each end of
the SCSI cable in order to terminate the 27 active signal
lines.
DS2114 BLOCK DIAGRAM Figure 1
GND
TERMPWR1
TERMPWR2
BANDGAP
REFERENCE
R1
R2
R3
R4
R5
R6
R7
R8
R9
VREF1
VREF2
+
110 ohms
110 ohms
110 ohms
110 ohms
110 ohms
110 ohms
110 ohms
110 ohms
110 ohms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com