Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP25 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSP25
Description  Phase-leg Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSP25 Datasheet(HTML) 1 Page - IXYS Corporation

  DSP25 Datasheet HTML 1Page - IXYS Corporation DSP25 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
1 - 2
Symbol
Test Conditions
Maximum Ratings
I
F(RMS)
T
VJ = TVJM
43
A
I
F(AV)M
T
case = 100°C; 180° sine
28
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
300
A
t = 8.3 ms
(60 Hz), sine
330
A
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
270
A
t = 8.3 ms
(60 Hz), sine
300
A
I2t
T
VJ = 45°C
t = 10 ms
(50 Hz), sine
450
A2s
t = 8.3 ms
(60 Hz), sine
450
A2s
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
340
A2s
t = 8.3 ms
(60 Hz), sine
325
A2s
T
VJ
-40...+180
°C
T
VJM
180
°C
T
stg
-40...+150
°C
M
d *
mounting torque M3
0.8...1.2
Nm
F
C
mounting force with clip
20...120
N
V
ISOL **
50/60 Hz, RMS, t = 1 minute, leads-to-tab
2500
V~
Weight
TO-268 / TO-247
4 / 6
g
* Verson A only; ** Version AR only
Symbol
Test Conditions
Characteristic Values
I
R
T
VJ = 150°CVR
= V
RRM
≤
2mA
V
F
I
F = 55 A; TVJ = 25°C
≤
1.6
V
V
T0
For power-loss calculations only
0.8
V
r
T
T
VJ = TVJM
15
m
Ω
R
thJC
DC current
1.5
K/W
R
thCH
DC current (with heatsink compound)
0.4
K/W
a
Maximum allowable acceleration
100
m/s2
V
RRM = 1200/1600 V
I
F(RMS) = 2x43 A
I
F(AV)M = 2x28 A
Data according to IEC 60747 and refer to a single diode
IXYS reserves the right to change limits, test conditions and dimensions
Features
●
International standard packages
JEDEC TO-247 AD and TO-268 AA
surface mountable
●
For single and three phase bridge
configuration
●
Planar passivated chips
●
Epoxy meets UL 94V-0 flammability
classification
●
Version AR isolated and
UL registered E153432
DSP 25
Phase-leg
Rectifier Diode
1
2
3
TO-247 AD
TO-268 AA
Version A
Version AT
1
2
2 (TAB)
3
2 (TAB)
1
3
1 = Cathode, 2 = Anode/Cathode, 3 = Anode
ISOPLUS 247 TM
Version AR
3
1
2
TAB
TO-268 AA Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161
V
RSM
V
RRM
TO-247 AD
TO-268 AA
ISOPLUS 247 TM
V
V
Type
1300
1200
DSP 25-12A
DSP 25-12AT
1700
1600
DSP 25-16A
DSP 25-16AT
DSP 25-16AR
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D*
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102
TO-247 AD and ISOPLUS 247 TM
* ISOPLUS 247 TM without hole


Similar Part No. - DSP25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
DSP25-12A IXYS-DSP25-12A Datasheet
144Kb / 5P
Standard Rectifier
DSP25-12AT IXYS-DSP25-12AT Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
DSP25-12AT IXYS-DSP25-12AT Datasheet
150Kb / 5P
Standard Rectifier
More results

Similar Description - DSP25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L015 IXYS-L015 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
DSP8-08 IXYS-DSP8-08 Datasheet
46Kb / 1P
Phase-leg Rectifier Diode
DSP8-08AC IXYS-DSP8-08AC Datasheet
393Kb / 1P
Phase-leg Rectifier Diode ISOPLUS220
DSP8-08S IXYS-DSP8-08S Datasheet
77Kb / 3P
Phase-leg Rectifier Diode
DSP45 IXYS-DSP45 Datasheet
122Kb / 2P
Phase-leg Rectifier Diode
logo
Microsemi Corporation
APTDF400AK60G MICROSEMI-APTDF400AK60G Datasheet
216Kb / 4P
Diode Phase leg Power Module
APTDF400AK120G MICROSEMI-APTDF400AK120G Datasheet
220Kb / 4P
Diode Phase leg Power Module
logo
IXYS Corporation
MDD312-12N1 IXYS-MDD312-12N1 Datasheet
296Kb / 6P
Standard Rectifier Module Phase leg
MDMA25P1200TG IXYS-MDMA25P1200TG Datasheet
270Kb / 5P
Standard Rectifier Module Phase leg
DSP8 IXYS-DSP8 Datasheet
1Mb / 1P
Phase-leg Rectifier Diode ISOPLUS220
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com