Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMS20
Description  Low Current Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS20 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMS20 Datasheet HTML 1Page - Vishay Siliconix VLMS20 Datasheet HTML 2Page - Vishay Siliconix VLMS20 Datasheet HTML 3Page - Vishay Siliconix VLMS20 Datasheet HTML 4Page - Vishay Siliconix VLMS20 Datasheet HTML 5Page - Vishay Siliconix VLMS20 Datasheet HTML 6Page - Vishay Siliconix VLMS20 Datasheet HTML 7Page - Vishay Siliconix VLMS20 Datasheet HTML 8Page - Vishay Siliconix VLMS20 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VLMS20.., VLMK20.., VLMO20.., VLMY20.., VLMP20..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 28-Nov-14
2
Document Number: 81339
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for a short term application
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMS20.., VLMK20.., VLMO20.., VLMY20.., VLMP20..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 100 °C
IF
15
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
40
mW
Junction temperature
Tj
+125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction/ambient
Mounted on PC board (pad size > 5 mm2)RthJA
580
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS20.., SUPER RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMS2000
lV
2.24
4.5
-
mcd
VLMS20H2K1
lV
3.55
-
9
mcd
VLMS20H2L1
lV
3.55
-
14
mcd
VLMS20J2K2
lV
5.6
-
11.2
mcd
VLMS20J2L1
lV
5.6
-
14
mcd
Dominant wavelength
IF = 2 mA
λd
-
630
-
nm
Peak wavelength
IF = 2 mA
λp
-
643
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 2 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMK20.., AMBER
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMK20J2L1
lV
5.6
-
14
mcd
VLMK20J2L2
lV
5.6
-
18
mcd
VLMK2000
lV
7.1
16
-
mcd
VLMK20K1L2
lV
7.1
-
18
mcd
Dominant wavelength
IF = 2 mA
λd
612
622
624
nm
Peak wavelength
IF = 2 mA
λp
-
615
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 2 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com