Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLRK31 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLRK31
Description  Reverse Gullwing SMD LED Red
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLRK31 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLRK31 Datasheet HTML 1Page - Vishay Siliconix VLRK31 Datasheet HTML 2Page - Vishay Siliconix VLRK31 Datasheet HTML 3Page - Vishay Siliconix VLRK31 Datasheet HTML 4Page - Vishay Siliconix VLRK31 Datasheet HTML 5Page - Vishay Siliconix VLRK31 Datasheet HTML 6Page - Vishay Siliconix VLRK31 Datasheet HTML 7Page - Vishay Siliconix VLRK31 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VLRK31..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 22-May-13
2
Document Number: 81778
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving LED in reverse direction is suitable for short term application
Notes
(1) In one packing unit IVmax./IVmin. > 1.6
(2) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.05 V
(3) Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).
In order to ensure availability, single brightness groups will not
be orderable. In a similar manner for colors where wavelength
groups are measured and binned, single wavelength groups will
be shipped in any one reel.
In order to ensure availability, single wavelength groups will not
be orderable.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) 
VLRK31..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb  85 °C
IF
30
mA
Surge forward current
tp  10 μs
IFSM
1A
Power dissipation
PV
75
mW
Junction temperature
Tj
+ 125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/ambient
mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) 
VLRE31.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 20 mA
VLRK31R1S2
lV
112
-
285
mcd
VLRK31Q1R2
lV
71
-
180
mcd
VLRK31R1R2
lV
112
-
180
mcd
VLRK31Q2R1
lV
90
-
140
mcd
Dominant wavelength (3)
IF = 20 mA
d
620
630
635
nm
Peak wavelength
IF = 20 mA
p
-
643
-
nm
Angle of half intensity
IF = 20 mA
-± 60
-
deg
Forward voltage (2)
IF = 20 mA
VF
-2.1
2.3
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY IV (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
Q
171
90
2
90
112
R
1
112
140
2
140
180
S
1
180
224
2
224
285
CROSSING TABLE
VISHAY
OSRAM
VLRK31R1S2
LST776-R1S2
VLRK31Q1R2
LST776-Q1R2
VLRK31R1R2
LST776-R1R2
VLRK31Q2R1
LST776-Q2R1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com