Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB.W05 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # CAB.W05
Description  taoglas cable assembly
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB.W05 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  CAB.W05 Datasheet HTML 1Page - Taoglas antenna solutions CAB.W05 Datasheet HTML 2Page - Taoglas antenna solutions CAB.W05 Datasheet HTML 3Page - Taoglas antenna solutions CAB.W05 Datasheet HTML 4Page - Taoglas antenna solutions CAB.W05 Datasheet HTML 5Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-14-8-090/A/WY
Page 3 of 5
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
ELECTRICAL
Attenuation
150MHz
450MHz
900MHz
1500MHz
1800MHz
2500MHz
dB/100M
12.1
21.6
31.2
41.1
45.3
54.4
Insulation Resistance
1000 MΩ-Km (Min)
Capacitance
80.4  3 pF/m
Nom. Impedance
53  3 Ω
MECHANICAL
Cable Type
CFD-200 coaxial cable
Cable length
3 Meters
Connector
NMO Magnet Mount - 3/4 inch Hole Brass Mount type
SMA(M)
Connector Max.
Torque
0.9N∙m
Weight
300g
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com