Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB.W09 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # CAB.W09
Description  taoglas cable assembly
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB.W09 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  CAB.W09 Datasheet HTML 1Page - Taoglas antenna solutions CAB.W09 Datasheet HTML 2Page - Taoglas antenna solutions CAB.W09 Datasheet HTML 3Page - Taoglas antenna solutions CAB.W09 Datasheet HTML 4Page - Taoglas antenna solutions CAB.W09 Datasheet HTML 5Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-14-8-024/A/WY |
page 3 of 5
2.2 Structure and Dimensions
2. RG-58 Cable Specification
2.1 Drawing - Cross Section
Jacket
Braid Shield
Braid Shield
Conductor
Insulation
Conductor
• Material - Bare
Copper Wire
• Composition
(1/1.02mm)
• Diameter -
1.02mm
Insulation
• Material - Foam
Polyethylene
• Avg. Thickness
- 0.95mm
• Diameter
- 2.9 ± 0.1mm
Braid Shield
• Material
- Aluminium Foil
• Construction -
0.020mm
Braid Shield
• Material - Tinned
- Copper Wire
• Structure -
16/6/0.12mm
• Coverage - 87%
• Diameter -
3.4 ± 0.05mm
Jacket
• Material
- RoHS PVC
• Diameter -
5.0 ± 0.15mm
• Colour - Black



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com