Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGGP.18.4.C.02 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # CGGP.18.4.C.02
Description  RoHS compliant
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CGGP.18.4.C.02 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  CGGP.18.4.C.02 Datasheet HTML 1Page - Taoglas antenna solutions CGGP.18.4.C.02 Datasheet HTML 2Page - Taoglas antenna solutions CGGP.18.4.C.02 Datasheet HTML 3Page - Taoglas antenna solutions CGGP.18.4.C.02 Datasheet HTML 4Page - Taoglas antenna solutions CGGP.18.4.C.02 Datasheet HTML 5Page - Taoglas antenna solutions CGGP.18.4.C.02 Datasheet HTML 6Page - Taoglas antenna solutions CGGP.18.4.C.02 Datasheet HTML 7Page - Taoglas antenna solutions CGGP.18.4.C.02 Datasheet HTML 8Page - Taoglas antenna solutions CGGP.18.4.C.02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPE-11-8-098/G/SS
Page 2 of 11
1.Introduction
This 18mm ceramic GPS/Glonass patch antenna, by means of a double resonance
design, has unique wide-band operation over the whole operating bands of GPS and
Glonass systems from 1575MHz to 1610MHz. It is mounted via pin and double-sided
adhesive.
This antenna has been tuned for a centre position on a 70mm*70mm ground-plane. It
is manufactured and tested in a TS16949 first tier automotive approved facility. For
further optimization to customer specific device environments where positioning is off
centre or on different ground-plane sizes, custom tuned patch antennas can be
supplied. For more details please email sales@taoglas.com
2.Specification
ELECTRICAL
Range of Receiving Frequency
GPS: 1575.42±1.023MHz
GLONASS: 1602±5MHz
Center Frequency
1592MHz ± 3MHz
VSWR
2.4 max
Gain at Zenith
+3.0 dBi typ.
Impedance
50 ohms
MECHANICAL
Ceramic Dimension
18mm x 18mm x 4mm
Pin Diameter
0.9mm
Pin Length
1.8mm
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH
* Antenna properties were measurement with the antenna mounted on 70*70mm Ground Plane
Taoglas Part # CGGPD.18.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com