Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM200.A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # CMM200.A
Description  5-6GHz Passive Massive MIMO Modular Panel System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CMM200.A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  CMM200.A Datasheet HTML 1Page - Taoglas antenna solutions CMM200.A Datasheet HTML 2Page - Taoglas antenna solutions CMM200.A Datasheet HTML 3Page - Taoglas antenna solutions CMM200.A Datasheet HTML 4Page - Taoglas antenna solutions CMM200.A Datasheet HTML 5Page - Taoglas antenna solutions CMM200.A Datasheet HTML 6Page - Taoglas antenna solutions CMM200.A Datasheet HTML 7Page - Taoglas antenna solutions CMM200.A Datasheet HTML 8Page - Taoglas antenna solutions CMM200.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DSP-17-08-005/A/JD
Page 2 of 15
1. INTRODUCTION
The patent pending CMM200 Massive MIMO Modular Passive Panel is the preferred testbed for
Massive MIMO research, allowing the radio researcher ease and flexibility in assembling an array
of variable size and shape which always has constant array spacing for minimization of grating
lobes.
The modules attach to each other and to ground plane extensions with a proprietary fastening
design that enables quick assembly without threaded fasteners. When attached, a module-module
or module-extension connection has excellent ground plane continuity due to a conductive
elastomeric gasket around the periphery that ensures optimal field pattern from each element.
Each module has 16 patch antenna elements, each having a dual polarization with very high cross
polarization isolation and low mutual coupling between adjacent elements.
Massive MIMO reciprocity calibration is accomplished easily with the modules, because each
module has a network of couplers that meanders through the antenna PCB, coupling energy off of
each of the 2x16 radiating elements, and connecting to a common RF calibration (CAL) port. There
is also an additional port in this calibration network for daisy chaining the calibration line to other
modules (CAL_DAISY) which can permit a single connection to the reference radio used for
calibration.
The radiating elements are high-efficiency patch antennas which are soldered to the antenna PCB
for the highest reliability and performance. These exhibit good return loss and field pattern over
a broad bandwidth, enabling freedom of choice in the research frequency used.
The modules have an integrated radome made of high-impact UV stabilized plastic. The radome
is sealed to the housing with an O-ring which supports IP55 immersion rating for outdoor
operation.
Each module has on the back side a set of 34 SMA connectors for the 32 antenna ports and two
reciprocity calibration ports.
The modules can be delivered pre-assembled with cables for
increased ease of use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com