Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116L Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS116L
Description  Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS116L Datasheet(HTML) 2 Page - ON Semiconductor

  BAS116L Datasheet HTML 1Page - ON Semiconductor BAS116L Datasheet HTML 2Page - ON Semiconductor BAS116L Datasheet HTML 3Page - ON Semiconductor BAS116L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS116L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (IBR = 100 mAdc)
V(BR)
75
−
Vdc
Reverse Voltage Leakage Current (VR = 75 Vdc)
Reverse Voltage Leakage Current (VR = 75 Vdc, TJ = 150°C)
IR
−
−
5.0
80
nAdc
Forward Voltage (IF = 1.0 mAdc)
Forward Voltage (IF = 10 mAdc)
Forward Voltage (IF = 50 mAdc)
Forward Voltage (IF = 150 mAdc)
VF
−
−
−
−
900
1000
1100
1250
mV
Diode Capacitance (VR = 0 V, f = 1.0 MHz)
CD
−
2.0
pF
Reverse Recovery Time (IF = IR = 10 mAdc) (Figure 1)
trr
−
3.0
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
DUT
VR
100
mH
0.1
mF
50
W Output
Pulse
Generator
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com