Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV722MM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV722MM
Description  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV722MM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV722MM Datasheet HTML 4Page - National Semiconductor (TI) LMV722MM Datasheet HTML 5Page - National Semiconductor (TI) LMV722MM Datasheet HTML 6Page - National Semiconductor (TI) LMV722MM Datasheet HTML 7Page - National Semiconductor (TI) LMV722MM Datasheet HTML 8Page - National Semiconductor (TI) LMV722MM Datasheet HTML 9Page - National Semiconductor (TI) LMV722MM Datasheet HTML 10Page - National Semiconductor (TI) LMV722MM Datasheet HTML 11Page - National Semiconductor (TI) LMV722MM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Typical Performance characteristics (Continued)
Application Notes
1.0 Benefits of the LMV721/722 Size.
The small footprints of the LMV721/722 packages save
space on printed circuit boards, and enable the design of
smaller electronic products, such as cellular phones, pagers,
or
other
portable
systems.
The
low
profile
of
the
LMV721/722 make them possible to use in PCMCIA type III
cards.
Signal Integrity. Signals can pick up noise between the sig-
nal source and the amplifier. By using a physically smaller
amplifier package, the LMV721/722 can be placed closer to
the signal source, reducing noise pickup and increasing sig-
nal integrity.
Simplified Board Layout. These products help you to avoid
using long pc traces in your pc board layout. This means that
no additional components, such as capacitors and resistors,
are needed to filter out the unwanted signals due to the inter-
ference between the long pc traces.
Low Supply Current. These devices will help you to maxi-
mize battery life. They are ideal for battery powered sys-
tems.
Low Supply Voltage. National provides guaranteed perfor-
mance at 2.2V and 5V. These guarantees ensure operation
throughout the battery lifetime.
Rail-to-Rail Output. Rail-to-rail output swing provides maxi-
mum possible dynamic range at the output. This is particu-
larly important when operating on low supply voltages.
Input Includes Ground. Allows direct sensing near GND in
single supply operation.
Protection should be provided to prevent the input voltages
from going negative more than −0.3V (at 25˚C). An input
clamp diode with a resistor to the IC input terminal can be
used.
2.0 Capacitive Load Tolerance
The LMV721/722 can directly drive 4700pF in unity-gain
without oscillation. The unity-gain follower is the most sensi-
tive configuration to capacitive loading. Direct capacitive
loading reduces the phase margin of amplifiers. The combi-
nation of the amplifier’s output impedance and the capacitive
load induces phase lag. This results in either an under-
damped pulse response or oscillation. To drive a heavier ca-
pacitive load, circuit in
Figure 1 can be used.
In
Figure 1, the isolation resistor R
ISO and the load capacitor
C
L form a pole to increase stability by adding more phase
margin to the overall system. the desired performance de-
pends on the value of R
ISO. The bigger the RISO resistor
value, the more stable V
OUT will be. Figure 2 is an output
waveform of
Figure 1 using 100k
Ω for R
ISO and 2000µF for
C
L.
The circuit in
Figure 3 is an improvement to the one in Figure
1 because it provides DC accuracy as well as AC stability. If
there were a load resistor in
Figure 1, the output would be
voltage divided by R
ISO and the load resistor. Instead, in Fig-
ure 3,R
F provides the DC accuracy by using feed-forward
techniques to connect V
IN to RL. Caution is needed in choos-
ing the value of R
F due to the input bias current of the
LMV721/722. C
F and RISO serve to counteract the loss of
phase margin by feeding the high frequency component of
the output signal back to the amplifier’s inverting input,
thereby preserving phase margin in the overall feedback
Gain and Phase Margin vs.
Frequency (V
S = 5V, RL 600Ω)
DS100922-16
Slew Rate vs.
Supply Voltage
DS100922-17
THD vs.
Frequency
DS100922-42
DS100922-18
FIGURE 1. Indirectly Driving A capacitive Load Using
Resistive Isolation
DS100922-31
FIGURE 2. Pulse Response of the LMV721 Circuit in
Figure 1
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com