Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WBP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WBP
Description  High voltage, current, and temperature range
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WBP Datasheet(HTML) 2 Page - Vishay Siliconix

  WBP Datasheet HTML 1Page - Vishay Siliconix WBP Datasheet HTML 2Page - Vishay Siliconix WBP Datasheet HTML 3Page - Vishay Siliconix WBP Datasheet HTML 4Page - Vishay Siliconix WBP Datasheet HTML 5Page - Vishay Siliconix WBP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WBP
www.vishay.com
Vishay Dale
Revision: 05-Jan-17
2
Document Number: 30194
For technical questions, contact: ww2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Notes
(1) LIN interface requires at least 7 V for functionality
(2) Temperature as measured by WBP output
(3) Reduced functionality above 105 °C may be experienced
TEMPERATURE ACCURACY
MAXIMUM CURRENT ERROR (CONTINUOUS)
MAXIMUM CURRENT ERROR (FULL RANGE)
ABSOLUTE MAXIMUM RATINGS (all voltages referenced to GND = 0 V)
PARAMETER
UNIT
RATING
Vsup / Vmeas
V
-22 to +40
LIN
V
-16 to +40
LIN short-circuit current
mA
200
IN+
mV
-200 to +300
IN-
mV
-200 to +300
Operating temperature (1)
°C
-40 to +115
Storage temperature
°C
+150
RECOMMENDED OPERATING RANGE (all voltages referenced to GND = 0 V)
PARAMETER
UNIT
RATING
Vsup (1) / Vmeas
V4 to 18
IN+
mV
± 200
IN-
mV
± 5
Operating temperature (2)(3)
°C
-40 to +105
CURRENT VALUE PER GAIN RANGE
RANGE
LOWEST I
(± A)
HIGHEST I
(± A)
RESOLUTION
(mA)
1
0.0000
23.0718
0.7153
2
23.0719
46.1436
1.4305
3
46.1437
92.2873
2.8611
4
92.2874
184.5747
5.7222
5
184.5748
369.1495
11.4444
6
369.1496
738.2992
22.8887
7
738.2993
1476.5984
45.7775
8
1476.5985
2000.0000
91.5550
0
200
400
600
Current Read (± A)
0
0.5
0.5
3.5
3.5
2.5
2.5
1.5
1.5
1
2
3
0
Current Read (± A)
0
12
12
10
10
8
6
4
2
2000
1000
1500
500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com