Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC02-GA Datasheet(PDF) 1 Page - Recom International Power

Part # RAC02-GA
Description  1W PCB Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-GA Datasheet(HTML) 1 Page - Recom International Power

  RAC02-GA Datasheet HTML 1Page - Recom International Power RAC02-GA Datasheet HTML 2Page - Recom International Power RAC02-GA Datasheet HTML 3Page - Recom International Power RAC02-GA Datasheet HTML 4Page - Recom International Power RAC02-GA Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PA-1
REV.: 0/2017
www.recom-power.com
AC/DC Converter
3 YEAR
warranty
3
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi-Type
Input Voltage Range (2)
85VAC
230VAC
264VAC
Input Current
115VAC
230VAC
50mA
30mA
Inrush Current
cold start at 25°C
115VAC
230VAC
30A
40A
No load Power Consumption
180mW
250mW
Input Frequency Range
47Hz
63Hz
Start-up Time
115VAC
230VAC
250ms
200ms
2s
2s
Hold-up time
115VAC
230VAC
18ms
80ms
Minimum Load
0%
Internal Operating Frequency
100% load at nominal Vin
65kHz
Output Ripple and Noise
5Vout
0 °C ... 80°C
-25°C ... 0°C
100mVp-p
200mVp-p
12Vout
0 °C ... 80°C
-25°C ... 0°C
200mVp-p
300mVp-p
Power Factor
115VAC
230VAC
0.55
0.42
continued on next page
Description
The RAC02-GA series are low cost AC/DC power supplies, ideal for PCB mounted, compact,
board level industrial power supplies. They feature universal AC input voltage range, regulated and
short-circuit-proof isolated DC outputs, low standby power consumption and -25°C to +80°C
operating temperature range. The RAC02-GA have a built-in Class A / FCC Part 15 EMC filter, are
pending to EN60335, EN60950 and EN62368 safety standards and come with a three year warranty.
Features
Regulated
Converters
• Universal Input 85-264VAC
• 1W PCB Mount Package
• <250mW No Load Power Consumption
• -25°C to +80°C Operating Temperature
• Continuous SCP, OPP, OCP
• EN/IEC/UL60950 & IEC/EN/UL62368 Certified,
EN60335-1 Pending
2 Watt
Single
Output EMC
Class A
RAC02-GA
Selection Guide
Part
nom. Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load (1)
[VAC]
[VDC]
[mA]
[%]
[µF]
RAC02-05SGA
100-240
5
400
69
500
RAC02-12SGA
100-240
12
167
72
200
Notes:
Note1: measured with all input voltages at 25°C with constant resistant mode at full load.
UL60950-1 Certified
IEC/EN60950-1 Certified
UL62368-1 Certified
IEC/EN62368-1 Certified
IEC60335 Pending
Notes:
Note2: no proper operation with DC Input Voltage.
E196683


Similar Part No. - RAC02-GA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC02-GA RECOM-RAC02-GA Datasheet
1Mb / 4P
Up to 488VAC input voltage range
More results

Similar Description - RAC02-GA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
1W DC/DC CONVERTER, SMD-Package
SH01S DELTA-SH01S Datasheet
208Kb / 5P
1W DC/DC CONVERTER, SMD-Package
PB01S DELTA-PB01S Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
1W DC/DC CONVERTER, SMD-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
DC/DC CONVERTER 1W, SMD-Package
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
DC/DC CONVERTER 1W, SMD-Package
logo
Recom International Pow...
RAC01-GA RECOM-RAC01-GA Datasheet
474Kb / 5P
1W PCB Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com