Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCOB-1050 Datasheet(PDF) 2 Page - Recom International Power

Part # RCOB-1050
Description  Low Cost 230VAC LED Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCOB-1050 Datasheet(HTML) 2 Page - Recom International Power

  RCOB-1050 Datasheet HTML 1Page - Recom International Power RCOB-1050 Datasheet HTML 2Page - Recom International Power RCOB-1050 Datasheet HTML 3Page - Recom International Power RCOB-1050 Datasheet HTML 4Page - Recom International Power RCOB-1050 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC/DC Converter
L-2
REV.: 2/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, 230VAC and rated load)
PROTECTION
Parameter
Condition
Value
Input Fuse
Standard
T1A
Short Circuit Protection (SCP)
230VAC / 50Hz
constant current limit at Inominal and recovers after fault condition is removed
Over Load Protection (OLP)
230VAC / 50Hz
power limiting if forward voltage of LED’s is higher than 44VDC
Output Over Voltage Protection (OVP)
230VAC / 50Hz
56V max.
Output Over Current Protection (OCP)
230VAC / 50Hz
constant current source
Over Temperature Protection (OTP)
automatic recovery after cool down
Isolation Voltage
3kVAC / 1 minute
Surge Capacity
L-N
L,N-FG
2kV
4kV
Efficiency vs. Output Voltage
RCOB
Series
95
90
85
80
75
70
50
60
70
80
90
100
Output Voltage [%]
RCOB-500
Maximum loading of automatic circuit breakers*
Power
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
≥ 7W
B
61
100
121
150
C
121
164
221
291
≥ 15W
B
35
57
69
85
C
57
87
109
134
≥ 25W
B
24
38
46
58
C
38
62
74
92
≥ 35W
B
18
30
35
43
C
29
46
55
69
≥ 45W
B
17
28
33
41
C
24
39
47
57
* @ 230VAC, 1Ohm, 90° phase angle and max. load
REGULATIONS
Parameter
C ondition
Value
Output Current Accuracy
includes: line, load and tolerance
±8% typ.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com