Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLA.01 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # GLA.01
Description  rohs compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GLA.01 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  GLA.01 Datasheet HTML 1Page - Taoglas antenna solutions GLA.01 Datasheet HTML 2Page - Taoglas antenna solutions GLA.01 Datasheet HTML 3Page - Taoglas antenna solutions GLA.01 Datasheet HTML 4Page - Taoglas antenna solutions GLA.01 Datasheet HTML 5Page - Taoglas antenna solutions GLA.01 Datasheet HTML 6Page - Taoglas antenna solutions GLA.01 Datasheet HTML 7Page - Taoglas antenna solutions GLA.01 Datasheet HTML 8Page - Taoglas antenna solutions GLA.01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SPE-11-8-040/F/WY
Page 2 of 16
1. Introduction
Taoglas has developed a unique ceramic miniature loop antenna series for GPS
applications. At 5.0*3.0*0.5mm, the GLA.01 GPS Loop antenna is a miniature edge
mounted antenna designed for small space requirements. The radiation pattern is
more omni-directional than traditional patch antennas. The GLA loop antenna series
show at least three times the efficiency of traditional linear polarized 1575.42MHz MHz
antennas. Efficiencies of 40% to 90% are achievable. A peak gain of 2.5dBi places this
antenna's gain performance within the range of a much larger 15mm to 18mm patch
antenna.
Mechanically, the GLA.01 at only 0.5mm in height has a very low profile, and with a
footprint of 6.0 x 5.5mm needs less space on the board. It does require clearance of
6.0 x 5.5mm. Based on the loop effect, this antenna works best when placed on the
center of the edge of the board, but can still work better than traditional linear
polarized chip antennas even when placed at corners as a substitute.
The GLA.01 is delivered on tape and reel and now allows M2M customers to use an
omni-directional antenna in devices where orientation of the product is unknown.
Applications
*Navigation or position tracking systems
*Hand-held devices when GPS function is needed, e.g., smart phone. PDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com