Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPDA.02.0321111 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # LPDA.02.0321111
Description  RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LPDA.02.0321111 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  LPDA.02.0321111 Datasheet HTML 1Page - Taoglas antenna solutions LPDA.02.0321111 Datasheet HTML 2Page - Taoglas antenna solutions LPDA.02.0321111 Datasheet HTML 3Page - Taoglas antenna solutions LPDA.02.0321111 Datasheet HTML 4Page - Taoglas antenna solutions LPDA.02.0321111 Datasheet HTML 5Page - Taoglas antenna solutions LPDA.02.0321111 Datasheet HTML 6Page - Taoglas antenna solutions LPDA.02.0321111 Datasheet HTML 7Page - Taoglas antenna solutions LPDA.02.0321111 Datasheet HTML 8Page - Taoglas antenna solutions LPDA.02.0321111 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Draft Specification – Subject to Change
DSP-16-8-006
Page 2 of 14
1.Introduction
The LPDA.02.032111 Engager is a wide-band directional LPDA exterior antenna that
operates within the 698-3900MHz frequency bands. It is an innovative and future
proof solution, ideal for LTE 4G and 2G/3G networks as well as 2.4GHz Wi-Fi.
This wideband design eliminates the need to purchase different antennas for each
frequency which simplifies installations since the same antenna can be used for a
wide array of wireless applications where extensive coverage is desired.
The LPDA.02 has a 70° beam width in both orthogonal planes. The ABS external
housing is robust, UV resistant and fully IP67 waterproof ensuring it is completely
weatherproof and sealed. For various mounting options, it is supplied with tilt and
swivel wall and pole brackets. The LPDA.02 has been tested for wind resistance up
200 km/h
LTE 4G and 2.4GHz Wi-Fi applications demand high speed data uplink and downlink
and where required, two LPDA.02 antennas can be mounted in space at 90° to
create a MIMO arrangement.
Cable type, length and connectors are customizable for large order volumes. Please
contact your regional Taoglas sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com