Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPDA.05.032H21 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # LPDA.05.032H21
Description  RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LPDA.05.032H21 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  LPDA.05.032H21 Datasheet HTML 1Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 2Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 3Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 4Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 5Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 6Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 7Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 8Page - Taoglas antenna solutions LPDA.05.032H21 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Draft Specification – Subject to Change
DSP-16-8-063/A
Page 2 of 16
1.Introduction
The LPDA.05.032H21 is a wideband directional LPDA exterior antenna that operates
within the 600-6000MHz frequency bands. It is an innovative and future proof
solution ideal for LTE 4G and 2G/3G networks as well as 2.4GHz and 5.8GHz Wi-Fi.
This wideband design eliminates the need to purchase different antennas for each
frequency, in turn simplifying installations since the same antenna can be used for a
wide array of wireless applications when wide coverage is desired.
The LPDA.05 has a 70° beam width in both orthogonal planes. The ABS external
housing is robust, UV resistant and waterproof ensuring it is completely
weatherproof and sealed, making it fully IP67 rated. For various mounting options,
it is supplied with tilt and swivel wall and pole brackets. The LPDA.05 has been
tested for wind resistance up 200 km/h.
LTE 4G and 2.4GHz and 5.8GHz Wi-Fi applications demand high speed data uplink
and downlink and where required, two LPDA.05 antennas can be mounted in space
at 90° to create a MIMO arrangement.
Cable type, length and connectors are customizable for large order volumes. Please
contact your regional Taoglas sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com