Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2010S Datasheet(PDF) 12 Page - International Rectifier

Part # IR2010S
Description  HIGH AND LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2010S Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2010S Datasheet HTML 8Page - International Rectifier IR2010S Datasheet HTML 9Page - International Rectifier IR2010S Datasheet HTML 10Page - International Rectifier IR2010S Datasheet HTML 11Page - International Rectifier IR2010S Datasheet HTML 12Page - International Rectifier IR2010S Datasheet HTML 13Page - International Rectifier IR2010S Datasheet HTML 14Page - International Rectifier IR2010S Datasheet HTML 15Page - International Rectifier IR2010S Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
www.irf.com
IR2010(S) & (PbF)
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
255075
100
125
Temperature (°C)
Max.
Typ.
Min.
Figure 26A. Output Source Current vs. Temperature
Figure 26B. Output Source Current vs. VBIAS Voltage
Figure 27A. Output Sink Current vs. Temperature
Figure 25. VCC Undervoltage (-) vs. Temperature
Figure 27B. Output Sink Current vs. VBIAS Voltage
Figure 28. IR2010 Tj vs Frequency
RGATE = 10 Ohm, Vcc = 15V with IRFPE50
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
125
Temperature (C)
typ
min
0.0
1.0
2.0
3.0
4.0
5.0
10
12
14
16
18
20
Vbias Supply Voltage (V)
typ
min
0.00
25.0 0
50.0 0
75.0 0
100.00
125.00
150.00
1.E + 0 3
1.E + 0 4
1.E + 0 5
1.E + 0 6
Frequency (H z)
200V
10V
100V
0.0
1.0
2.0
3.0
4.0
5.0
-50-25
0
25
50
7510 0
12 5
Temperature (C)
min
typ
0.0
1.0
2.0
3.0
4.0
5.0
10
12
14
16
18
20
Vbias Supply Voltage (V)
typ
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com