Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2175 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2175
Description  LINEAR CURRENT SENSING IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2175 Datasheet(HTML) 2 Page - International Rectifier

  IR2175 Datasheet HTML 1Page - International Rectifier IR2175 Datasheet HTML 2Page - International Rectifier IR2175 Datasheet HTML 3Page - International Rectifier IR2175 Datasheet HTML 4Page - International Rectifier IR2175 Datasheet HTML 5Page - International Rectifier IR2175 Datasheet HTML 6Page - International Rectifier IR2175 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
IR2175(S) & (PbF)
www.irf.com
Recommended Operating Conditions
The output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recommended
conditions.
Note 1: Capacitors are required between VB and Vs when bootstrap power is used. The external power supply,
when used, is required between VB and Vs pins.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
VS +13.0
VS +20
VS
High side floating supply offset voltage
0.3
600
VPO
Digital PWM output voltage
COM
VCC
VOC
Overcurrent output voltage
COM
VCC
VCC
Low side and logic fixed supply voltage
9.5
20
VIN
Input voltage between VIN+ and VS
-260
+260
mV
TA
Ambient temperature
-40
125
°C
V
Symbol
Definition
Min.
Max.
Units
VS
High side offset voltage
-0.3
600
VBS
High side floating supply voltage
-0.3
25
VCC
Low side and logic fixed supply voltage
-0.3
25
VIN
Maximum input voltage between VIN+ and VS
-5
5
VPO
Digital PWM output voltage
COM -0.3
VCC +0.3
VOC
Overcurrent output voltage
COM -0.3
VCC +0.3
dV/dt
Allowable offset voltage slew rate
—
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
8 lead SOIC
—
.625
8 lead PDIP
—
1.0
RthJA
Thermal resistance, junction to ambient
8 lead SOIC
—
200
8 lead PDIP
—
125
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
V
°C/W
W
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com