Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2010SPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR2010SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2010SPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2010SPBF Datasheet HTML 8Page - International Rectifier IR2010SPBF Datasheet HTML 9Page - International Rectifier IR2010SPBF Datasheet HTML 10Page - International Rectifier IR2010SPBF Datasheet HTML 11Page - International Rectifier IR2010SPBF Datasheet HTML 12Page - International Rectifier IR2010SPBF Datasheet HTML 13Page - International Rectifier IR2010SPBF Datasheet HTML 14Page - International Rectifier IR2010SPBF Datasheet HTML 15Page - International Rectifier IR2010SPBF Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.irf.com
13
IR2010(S) & (PbF)
Figure 29. IR2010 Tj vs Frequency
RGATE = 16 Ohm, Vcc = 15V with IRFBC40
Figure 30. IR2010 Tj vs Frequency
RGATE = 22 Ohm, Vcc = 15V with IRFBC30
0.00
25 .0 0
50 .0 0
75 .0 0
10 0.00
12 5.00
15 0.00
1.E + 03
1.E + 04
1.E + 05
1.E + 06
F req u en cy (H z)
20 0V
10 0V
10 V
0.00
25 .0 0
50 .0 0
75 .0 0
10 0.00
12 5.00
15 0.00
1.E + 03
1.E + 04
1.E + 05
1.E + 06
Freq u ency (H z)
200 V
100 V
10V
0.00
25 .0 0
50 .0 0
75 .0 0
10 0.00
12 5.00
15 0.00
1.E + 03
1.E + 04
1.E + 05
1.E + 06
F req u en cy (H z)
20 0V
10 0V
10 V
Figure 31. IR2010 Tj vs Frequency
RGATE = 33 Ohm, Vcc = 15V with IRFBC20
0.00
25 .0 0
50 .0 0
75 .0 0
10 0.00
12 5.00
15 0.00
1.E + 03
1.E + 04
1.E + 05
1.E + 06
F req u en cy (H z)
20 0V
10 0V
10 V
Figure 32. IR2010S Tj vs Frequency
RGATE = 10 Ohm, Vcc = 15V with IRFPE50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com