Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT751T-4 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT751T-4
Description  Clipped Sine Wave TCXO/VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT751T-4 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT751T-4_13 Datasheet HTML 1Page - Advanced Crystal Technology ACT751T-4_13 Datasheet HTML 2Page - Advanced Crystal Technology ACT751T-4_13 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
ACT751T-4 , ACT751VT-4 Clipped Sine Wave TCXO/VCTCXO
TCXO PART NUMBERING
F
B
D
N
B
X
X
Z
-PF
751T
±5
3.3
None
None
Pos
Not speci
ppm VDC
°C
CSW
%
RoHS
751T
VT78
Stability
TOP °C
v TOP
0 +50
D
Polarity
±ppm
-10 +60
F
None
X
5.0
F
-10 +70
C
4.0
J
-20 +70
B
3.5
K
-30 +70
T
Commodity Code
3.0
L
-30 +75
W
854370 70 99
2.5
M
-40 +80
K
2.0
N
-40 +85
I
1.5
O
Standard
1.0
P
Duty
Cycle
VCC VDC
Frequency
% / %
3.3
B
tuning
5
A
None
N
Free O
Output
CSW
B
Tape & Reel
C
Mechanical
L
Tuning ±ppm
None
X
Example
VT78 - 2700FBDNBXXZC-PF 27.00MHz
Issue No.
Date:
A voltage
within the
range
must be
specified.
Not
specified
Z
ISO9001 Registered
0 +50
VT78
2700
27.00MHz
1000
Loose
1000
C
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
5 Skr
07/10/2013
Frequency:
Please enquire if the frequency/stability
combination has been developed.
For part numbering use the first 4 characters of
the frequency in Hz i.e. 27MHz = 27000000Hz
so the code used in the part number is 2700. If
the frequency is 100MHz or higher then the
first 5 characters are used.
It is important to suffix the part number
Table 1
Temperature°C
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
±4.0
±4.5
±5.0
0~50
-10~60
-10~70
-20~70
-30~70
-30~75
-40~80
-40~85
Stability (ppm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com