Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA.26A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PA.26A
Description  Compact High Efficiency Antenna
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.26A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PA.26A Datasheet HTML 1Page - Taoglas antenna solutions PA.26A Datasheet HTML 2Page - Taoglas antenna solutions PA.26A Datasheet HTML 3Page - Taoglas antenna solutions PA.26A Datasheet HTML 4Page - Taoglas antenna solutions PA.26A Datasheet HTML 5Page - Taoglas antenna solutions PA.26A Datasheet HTML 6Page - Taoglas antenna solutions PA.26A Datasheet HTML 7Page - Taoglas antenna solutions PA.26A Datasheet HTML 8Page - Taoglas antenna solutions PA.26A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SPE-16-8-062/B/WY
Page 2 of 22
1.Introduction
The PA.26A is an SMT LTE 4G antenna designed for direct SMT mount on the device
PCB. It provides highest efficiency in the smallest form SMT form factor, 35*5*6mm.
Due to its rectangular shape and compact size the PA.26A is very easy to integrate
and can be mounted directly on the edge of the PCB. Matching is accomplished
using a pi network. Using SMT (On-Board) antennas saves on labor, cable, and
connector costs. SMT antennas also lead to higher integration yield rates, higher
transmit power and higher sensitivity.
The PA.26A operates at all common 4G/3G/2G LTE bands; 698MHz to 960MHz,
1710MHz to 2700MHz.
Typical applications:
- Telematics Control Unit (TCU)
- HD Video over LTE
- First Responder and Emergency Services
- Intelligent Transport Systems
- Internet of Things (IoT)
- High Definition Video Broadcast Systems
- Wireless LTE M2M Devices
- Medical Devices
The antenna dimensions and footprint are exactly the same as the PA.25A,
providing customers with a drop-in conversion from 2G/3G to 4G systems. Care
should be taken to follow layout instructions and place antenna on the edge of board
with adequate clearance to metal. Also minimum ground-plane requirements must
be met to achieve targeted efficiencies. Taoglas provides optimization services for
matching, and active TRP, TIS and RSE testing. Please contact your regional Taoglas
sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com