Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS.07.0113 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # TS.07.0113
Description  Antenna must have a view of the Sky
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TS.07.0113 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  TS.07.0113 Datasheet HTML 1Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 2Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 3Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 4Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 5Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 6Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 7Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 8Page - Taoglas antenna solutions TS.07.0113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SPE-14-8-115/A/EW
Page 2 of 30
1. Introduction
The compact TS.07, with hinged rotatable SMA connector, is an impressively
high efficiency monopole antenna, providing coverage among GPS, GLONASS,
and BEIDOU frequencies.
With its navigation system frequency range, plus compact design, TS.07 can fit
and function perfectly with vehicle tracking devices, telematics devices, and
other remote monitoring systems.
This 72mm long monopole antenna performs efficiently from 1561 MHz to 1610
MHz, covering GPS, GLONASS, and BEIDOU frequencies. When connected to
the device ground-plane, the TS.07 is capable of achieving more than 70%
efficiency.
The TS.07, as all monopole antennas, works best when connected directly to
the ground-plane of the device main-board or the device's metal enclosure. As
with all passive antennas, using a coax with more than ~1.5 dB of loss will
result in reduced receiver sensitivity. Taoglas recommends connecting the
TS.07 directly to the device ground-plane for best performance.
The robust brass hinge enables the TS.07 to be oriented in all directions,
providing user to maximize performance with minimum effort.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com