Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7779ACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 2Page - Analog Devices AD7779ACPZ Datasheet HTML 3Page - Analog Devices AD7779ACPZ Datasheet HTML 4Page - Analog Devices AD7779ACPZ Datasheet HTML 5Page - Analog Devices AD7779ACPZ Datasheet HTML 6Page - Analog Devices AD7779ACPZ Datasheet HTML 7Page - Analog Devices AD7779ACPZ Datasheet HTML 8Page - Analog Devices AD7779ACPZ Datasheet HTML 9Page - Analog Devices AD7779ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
Data Sheet
AD7779
Rev. A | Page 5 of 100
FUNCTIONAL BLOCK DIAGRAM
AVDD1x
REF_OUT
REFx+
VCM
AVDD2
AVSSx
AVDD4
CONVST_SAR
IOVDD
AREGxCAP
DREGCAP
CLOCK
MANAGER
XTAL1
XTAL2/MCLK
SYNC_IN
SYNC_OUT
START
REFx–
DCLK
DRDY
DOUT3
DOUT2
DOUT1
DOUT0
FORMAT1
FORMAT0
MODE3/ALERT
MODE2/GPIO2
MODE1/GPIO1
MODE0/GPIO0
ALERT/CS
DCLK2/SCLK
DCLK1/SDI
DCLK0/SDO
RESET
Σ-Δ ADC
AIN0+
AIN0–
280mV p-p
Σ-Δ ADC
REFERENCES
EXT_REF
INT_REF
AIN1+
AIN1–
Σ-Δ ADC
REFERENCES
AIN2+
AIN2–
Σ-Δ ADC
REFERENCES
AIN3+
AIN3–
Σ-Δ ADC
REFERENCES
AIN4+
AIN4–
Σ-Δ ADC
REFERENCES
AIN5+
AIN5–
REFERENCES
AIN6+
AIN6–
REFERENCES
DIAGNOSTIC
INPUTS
AIN7+
AIN7–
SINC3/
SRC
FILTER
GAIN
OFFSET
COMMON-
MODE
VOLTAGE
ANALOG
LDO
2.5V REF
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
SINC3/
SRC
FILTER
GAIN
OFFSET
Σ-Δ ADC
Σ-Δ ADC
AUXAIN+
AUXAIN–
DATA OUTPUT
INTERFACE
REGISTER MAP
AND
LOGIC CONTROL
HARDWARE
MODE
CONFIGURATION
SPI INTERFACE
AD7779
SAR ADC
DIGITAL
LDO
PGA
PGA
PGA
PGA
PGA
PGA
PGA
PGA
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com