Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT105/16AS90 Datasheet(PDF) 3 Page - International Rectifier

Part # IRKT105/16AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT105/16AS90 Datasheet(HTML) 3 Page - International Rectifier

  IRKT105/16AS90 Datasheet HTML 1Page - International Rectifier IRKT105/16AS90 Datasheet HTML 2Page - International Rectifier IRKT105/16AS90 Datasheet HTML 3Page - International Rectifier IRKT105/16AS90 Datasheet HTML 4Page - International Rectifier IRKT105/16AS90 Datasheet HTML 5Page - International Rectifier IRKT105/16AS90 Datasheet HTML 6Page - International Rectifier IRKT105/16AS90 Datasheet HTML 7Page - International Rectifier IRKT105/16AS90 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRK.105 Series
3
Bulletin I27133 rev. I 09/04
www.irf.com
T
J
Junction operating
temperature range
Tstg
Storage temp. range
- 40 to 150
R
thJC
Max. internal thermal
resistance, junction
0.135
Per module, DC operation
to case
R
thCS
Typical thermal resistance
case to heatsink
T
Mounting torque ± 10%
to heatsink
busbar
3
wt
Approximate weight
110 (4)
gr (oz)
Case style
TO-240AA
JEDEC
Thermal and Mechanical Specifications
Parameters
IRK.105
Units
Conditions
- 40 to 130
0.1
5
(5) Available with dv/dt = 1000V/ms, to complete code add S90 i.e. IRKT105/16AS90.
°C
K/W
Nm
Mounting surface flat, smooth and greased
I
RRM
Max. peak reverse and
I
DRM
off-state leakage current
20
mA
T
J = 130
o
C, gate open circuit
at VRRM, VDRM
V
INS
RMS isolation voltage
2500 (1 min)
50 Hz, circuit to base, all terminals
3500 (1 sec)
shorted
dv/dt Max. critical rate of rise
T
J = 130
o
C, linear to 0.67 V
DRM,
of off-state voltage (5)
gate open circuit
500
V/µs
Triggering
Blocking
V
P
GM
Max. peak gate power
12
P
G(AV) Max. average gate power
3
I
GM
Max. peak gate current
3
A
-V
GM
Max. peak negative
gate voltage
V
GT
Max. gate voltage
4.0
TJ = - 40°C
required to trigger
2.5
TJ = 25°C
1.7
TJ = 125°C
I
GT
Max. gate current
270
TJ = - 40°C
required to trigger
150
mA
TJ = 25°C
80
TJ = 125°C
V
GD
Max. gate voltage
that will not trigger
I
GD
Max. gate current
that will not trigger
0.25
V
6mA
Anode supply = 6V
resistive load
Anode supply = 6V
resistive load
W
V
10
T
J = 125
o
C,
rated VDRM applied
T
J = 125
o
C,
rated V
DRM applied
Parameters
IRK.105
Units
Conditions
A mounting compound is recommended
and the torque should be rechecked after
a period of 3 hours to allow for the spread
of the compound
Parameters
IRK.105
Units
Conditions
Sine half wave conduction
Rect. wave conduction
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.105
0.04
0.05
0.06
0.08
0.12
0.03
0.05
0.06
0.08
0.12
°C/ W
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com