Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV358
Description  General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV358 Datasheet HTML 1Page - National Semiconductor (TI) LMV358 Datasheet HTML 2Page - National Semiconductor (TI) LMV358 Datasheet HTML 3Page - National Semiconductor (TI) LMV358 Datasheet HTML 4Page - National Semiconductor (TI) LMV358 Datasheet HTML 5Page - National Semiconductor (TI) LMV358 Datasheet HTML 6Page - National Semiconductor (TI) LMV358 Datasheet HTML 7Page - National Semiconductor (TI) LMV358 Datasheet HTML 8Page - National Semiconductor (TI) LMV358 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LMV321/LMV358/LMV324 Single/Dual/Quad
General Purpose, Low Voltage, Rail-to-Rail Output
Operational Amplifiers
General Description
The LMV358/324 are low voltage (2.7–5.5V) versions of the
dual and quad commodity op amps, LM358/324, which cur-
rently operate at 5–30V. The LMV321 is the single version.
The LMV321/358/324 are the most cost effective solutions
for the applications where low voltage operation, space sav-
ing and low price are needed. They offer specifications that
meet or exceed the familiar LM358/324. The LMV321/358/
324 have rail-to-rail output swing capability and the input
common-mode voltage range includes ground. They all ex-
hibit excellent speed-power ratio, achieving 1MHz of band-
width and 1V/µs of slew rate with low supply current.
The LMV321 is available in space saving SC70-5, which is
approximately half the size of SOT23-5. The small package
saves space on pc boards, and enables the design of small
portable electronic devices. It also allows the designer to
place the device closer to the signal source to reduce noise
pickup and increase signal integrity.
The chips are built with National’s advanced submicron
silicon-gate BiCMOS process. The LMV321/358/324 have
bipolar input and output stages for improved noise perfor-
mance and higher output current drive.
Features
(For V
+ = 5V and V− = 0V, Typical Unless Otherwise Noted)
n
Guaranteed 2.7V and 5V Performance
n
No Crossover Distortion
n
Space Saving Package
SC70-5 2.0x2.1x1.0mm
n
Industrial Temp. Range
−40˚C to +85˚C
n
Gain-Bandwidth Product
1MHz
n
Low Supply Current
— LMV321
130µA
— LMV358
210µA
— LMV324
410µA
n
Rail-to-Rail Output Swing @ 10k
Ω
V
+ −10mV
V
− +65mV
n
V
CM
−0.2V to V
+−0.8V
Applications
n
Active Filters
n
General Purpose Low Voltage Applications
n
General Purpose Portable Devices
Gain and Phase vs. Capacitive Load
10006045
Output Voltage Swing vs. Supply Voltage
10006067
June 2003
© 2003 National Semiconductor Corporation
DS100060
www.national.com


Similar Part No. - LMV358

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LMV358 FAIRCHILD-LMV358 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV358 TI-LMV358 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 TI-LMV358 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV358 STMICROELECTRONICS-LMV358 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
LMV358 STMICROELECTRONICS-LMV358 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results

Similar Description - LMV358

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
L6132 UTC-L6132 Datasheet
390Kb / 11P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com