Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX1600 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1600
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1600 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX1600 Datasheet HTML 6Page - National Semiconductor (TI) LMX1600 Datasheet HTML 7Page - National Semiconductor (TI) LMX1600 Datasheet HTML 8Page - National Semiconductor (TI) LMX1600 Datasheet HTML 9Page - National Semiconductor (TI) LMX1600 Datasheet HTML 10Page - National Semiconductor (TI) LMX1600 Datasheet HTML 11Page - National Semiconductor (TI) LMX1600 Datasheet HTML 12Page - National Semiconductor (TI) LMX1600 Datasheet HTML 13Page - National Semiconductor (TI) LMX1600 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
2.0
Programming Description (Continued)
2.7
TYPICAL APPLICATION EXAMPLE
OPERATIONAL NOTES:
*
VCO is assumed AC coupled.
**
R
IN increases impedance so that VCO output power is provided to the load rather than the PLL. Typical values are 10Ω to
200
Ω depending on the VCO power level. The fin RF impedance ranges from 40Ω to 100Ω. The fin IF impedances are
higher.
***
50
Ω termination is often used on test boards to allow use of external reference oscillator. For most typical products, a CMOS
clock is used and no terminating resistor is required. OSC
IN may be AC or DC coupled. AC coupling is recommended be-
cause the input circuit provides its own bias. (See Figure below)
**** Adding RC filter to the V
CC line is recommended to reduce loop-to-loop noise coupling.
—
Proper use of grounds and bypass capacitors is essential to achieve a high level of performance. Crosstalk between pins
can be reduced by careful board layout.
—
This is a static sensitive device. It should be handled only at static free work stations.
DS100129-20
DS100129-21
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com