Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02DBAW5 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 02DBAW5
Description  GENERAL PURPOSE FILTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

02DBAW5 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  02DBAW5 Datasheet HTML 1Page - Delta Electronics, Inc. 02DBAW5 Datasheet HTML 2Page - Delta Electronics, Inc. 02DBAW5 Datasheet HTML 3Page - Delta Electronics, Inc. 02DBAW5 Datasheet HTML 4Page - Delta Electronics, Inc. 02DBAW5 Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0 dB
20 dB
10K
100K
1M
10M
02DBAG5
03DBAG5
60 dB
40 dB
80 dB
DIFF. MODE
DIFF. MODE
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
DIFF. MODE
DIFF. MODE
COMMON MODE
COMMON MODE
05DBAG5
10DBAG5
0 dB
20 dB
10K
40 dB
60 dB
80 dB
100K
1M
10M
0 dB
20 dB
10K
1M
100K
10M
20DBAG5
60 dB
40 dB
80 dB
DIFF. MODE
COMMON MODE
N'
G
N
L
E
N
I
L
Cx
R
L
Cy
Cy
L'
D
A
O
L
XXDBXX5B
E
G
N
I
N
L
Cx
R
Cy
L
Cy
D
N'
A
L
O
L
L'
100 dB
10K
80 dB
100K
1M
10M
DIFF. MODE
DIFF. MODE
0 dB
20DBCG5B
20DBCS5B
30DBCS5B
60 dB
40 dB
20 dB
0 dB
COMMON MODE
COMMON MODE
100 dB
10K
80 dB
60 dB
40 dB
20 dB
100K
1M
10M
16DBCG5B
16DBCW5B
12DBBG5B
COMMON MODE
COMMON MODE
5-2
INSERTION LOSS (TYPICAL)
ELECTRICAL SCHEMATIC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com