Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02DBAG5 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 02DBAG5
Description  GENERAL PURPOSE FILTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

02DBAG5 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  02DBAG5 Datasheet HTML 1Page - Delta Electronics, Inc. 02DBAG5 Datasheet HTML 2Page - Delta Electronics, Inc. 02DBAG5 Datasheet HTML 3Page - Delta Electronics, Inc. 02DBAG5 Datasheet HTML 4Page - Delta Electronics, Inc. 02DBAG5 Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
1.0mA (10000pF)
@ 250VAC 50Hz: 0.45mA
2.0mA (10000pF)
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
1. Designed as a general purpose filter providing effective EMI
suppression.
2. All part numbers are UL recognized, CSA certified and VDE
approved.
5-1
INTRODUCTIONS
SERIES
GENERAL PURPOSE FILTERS
SPECIFICATIONS
OPTION 300V
*
UL & CSA approved only.
COMPONENTS
02DBAG5
1.1
02DBAW5
03DBAG5
0.1
2.8
3300
-
03DBAW5
05DBAG5
2.9
05DBAW5
0.47
3.7
330K
06DBDW3S
10DBAG5
10DBAW5
0.1
1.5
3300
-
10DBAS5
10DBDG3S
0.47
1.45
330K
20DBAG5
0.33
0.7
3300
-
20DBAS5
PARTNO.
Cx(uF)
L(mH)
Cy(pF)
R(
)
12DBBG5B
0.7
16DBCG5B
0.65
16DBCW5B
0.1
4700
1.0M
20DBCG5B
0.60
20DBCS5B
30DBCS5B
0.47
0.67
10000
*
*
*
*
*
*
*
*
*
*
10DBDG3S, DW3S
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
2,3,5A
15
30
38
45
45
40
6A
20
25
35
40
45
35
10A
20
30
35
50
50
45
10A
15
22
30
40
40
45
20A
13
20
25
40
45
45
12A (BG5B)
10
20
22
35
40
40
16A (CG5B) (CW5B)
10
18
20
35
50
30
20A (CG5B) (CS5B)
10
20
22
30
35
35
30A (CS5B)
10
28
30
45
50
35
2,3,5A
6
15
20
40
45
45
6A
10
18
20
30
35
40
10A
6
15
20
44
45
45
10A
12
18
20
35
35
40
20A
15
24
28
45
45
45
12A (BG5B)
5
12
15
35
45
35
16A (CG5B) (CW5B)
5
10
15
45
45
40
20A (CG5B) (CS5B)
4
10
15
45
45
40
30A (CS5B)
12
20
25
45
50
45
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
MINIMUM INSERTION LOSS IN dB
*
*
SERIES DIMENSIONS
CURRENT
STYLE
RATING
A
B
C
D
E
2.15
AG5
54.6
0.65
2.54
2A
64.5
16.5
0.96
AW5
24.4
2.54
AG5
1.77
2.13
64.5
3A
45.0
54.1
1.33
AW5
33.8
0.77
2.50
2.54
19.5
63.5
AG5
64.5
5A
1.33
AW5
33.8
2.55
2.08
1.29
1.575
0.61
6A
DW3S
52.83
32.77
40.01
15.49
64.77
2.54
AG5
64.5
1.77
1.18
2.13
2.50
45.0
30.0
54.1
64.8
1.33
AW5
33.8
3.10
2.02
1.18
2.38
2.77
10A
AS5
78.7
51.3
30.0
60.5
70.3
3.14
2.10
1.28
1.575
0.61
DG3S
53.30
32.50
40.00
15.50
79.80
3.25
2.02
1.16
2.38
2.75
AG5
51.3
29.5
60.5
69.9
82.5
20A
2.02
1.15
2.38
2.77
3.37
AS5
85.6
51.3
29.2
60.5
70.3
DIMENSIONS IN INCHES/mm
CURRENT
STYLE
RATING
ABC
DE
F
2.13
2.54
1.34
1.77
-
12A
BG5B
54.00
64.5
34.0
45.0
-
CG5B
2.40
2.81
1.79
2.02
16A
3.94
1.18
61.00
71.5
45.5
51.3
CW5B
30.0
100.0
CG5B
2.95
3.34
2.04
2.52
20A
75.00
84.8
51.8
64.0
CS5B
-
4.06
4.49
2.22
3.74
1.83
30A
CS5B
103.0
114.0
56.5
95.0
46.4
DIMENSIONS IN INCHES/mm
D
V
E


Similar Part No. - 02DBAG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
02DBAG5 DELTA-02DBAG5 Datasheet
155Kb / 2P
MODELS OTHER THAN POWER ENTRY MODULE TYPES AND P.C. BOARD MOUNTING TYPES
02DBAG5 DELTA-02DBAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
02DBAG5 DELTA-02DBAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
02DBAG5 DELTA-02DBAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
More results

Similar Description - 02DBAG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DBAW5 DELTA-03DBAW5 Datasheet
1Mb / 5P
GENERAL PURPOSE FILTERS
03DEEG3E DELTA-03DEEG3E Datasheet
1Mb / 5P
GENERAL PURPOSE FILTERS
03DKAG5 DELTA-03DKAG5 Datasheet
1Mb / 5P
GENERAL PURPOSE FILTERS
05DBAG5 DELTA-05DBAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
05DKAG5 DELTA-05DKAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
10DKAS5 DELTA-10DKAS5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
16DKCG5B DELTA-16DKCG5B Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
20DBAG5 DELTA-20DBAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
20DBCS5B DELTA-20DBCS5B Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
30DKCS5 DELTA-30DKCS5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com