Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7255 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV7255
Description  1.8V Low Voltage Comparator with Rail-to-Rail Input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7255 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV7255 Datasheet HTML 3Page - National Semiconductor (TI) LMV7255 Datasheet HTML 4Page - National Semiconductor (TI) LMV7255 Datasheet HTML 5Page - National Semiconductor (TI) LMV7255 Datasheet HTML 6Page - National Semiconductor (TI) LMV7255 Datasheet HTML 7Page - National Semiconductor (TI) LMV7255 Datasheet HTML 8Page - National Semiconductor (TI) LMV7255 Datasheet HTML 9Page - National Semiconductor (TI) LMV7255 Datasheet HTML 10Page - National Semiconductor (TI) LMV7255 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Info
Basic Comparators
A comparator is quite often used to convert an analog signal
to a digital signal. The comparator compares an input volt-
age (V
IN) at the non-inverting pin to the reference voltage
(V
REF) at the inverting pin. If VIN is less than VREF the output
(V
O) is low (VOL). However, if VIN is greater than VREF, the
output voltage (V
O) is high (VOH).
Hysteresis
The basic comparator configuration may oscillate or produce
a noisy output if the applied differential input is near the
comparator’s input offset voltage. This tends to occur when
the voltage on the input is equal or very close to the other
input voltage. Adding hysteresis can prevent this problem.
Hysteresis creates two switching thresholds (one for the
rising input voltage and the other for the falling input volt-
age). Hysteresis is the voltage difference between the two
switching thresholds. When both inputs are nearly equal,
hysteresis causes one input to effectively move quickly pass
the other. Thus, effectively moving the input out of region that
oscillation may occur.
Hysteresis can easily be added to a comparator in a
non-inverting configuration with two resistors and positive
feedback
Figure 3. The output will switch from low to high
when V
IN rises up to VIN1, where VIN1 is calculated by
V
IN1 =(VREF (R1 + R2))/ R2
The output will switch from high to low when V
IN falls to VIN2,
where V
IN2 is calculated by
V
IN2 =(VREF (R1+R2)-VCC R1)/R2
The Hysteresis is the difference between V
IN1 and VIN2.
∆V
IN =VIN1-VIN2 = ((VREF (R1 + R2)) / R2) - ((VREF (R1 +
R2)-V
CC R1) / R2) = VCC R1/ R2.
For an inverting configured comparator, hysteresis can be
added with a three resistor network and positive feedback.
When input voltage (V
IN) at the inverting node is less than
non-inverting node (V
T), the output is high. The equivalent
circuit for the three resistor network is R1 in parallel with R3
and in series with R2. The lower threshold voltage V
T1 is
calculated by:
V
T1 = ((VCC R2) / ((R1 R3) / (R1+ R3)) + R2)
When V
IN is greater than VT, the output voltage is low. The
equivalent circuit for the three resistor network is R2 in
parallel with R3 and in series with R1. The upper threshold
voltage V
T2 is calculated by:
V
T2 =VCC ((R2 R3) / (R2 + R3)) / ((R1 + ((R2 R3) / (R2 +
R3))
The hysteresis is defined as
∆V
IN =VT1 -VT2 = ((VCC R2) / ((R1 R3) / (R1+ R3)) + R2) –
(V
CC ((R2 R3) / (R2 + R3)) / ((R1 + ((R2 R3) / (R2 + R3)))
LMV7251
DS200057-15
LMV7255
DS200057-16
Input/Output
DS200057-17
FIGURE 2. Basic Comparator
DS200057-18
DS200057-19
FIGURE 3. Non-Inverting Comparator Configuration —
LMV7251
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com