Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALMD-LL37 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-LL37
Description  Well defined spatial radiation pattern
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-LL37 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALMD-LL37 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Device Selection Guide
Part Number
Color and Dominant Wavelength
λd (nm) Typ
Luminous Intensity Iv (mcd) [1,2,5]
Viewing Angle
Typ - ° [4]
Min
Max
ALMD-LG37-XZ002
Red 626
1660
2900
40° x 100°
ALMD-LL37-XZ002
Amber 590
1660
2900
40° x 100°
ALMD-LM37-24002
Green 525
3500
6050
40° x 100°
ALMD-LB37-SU002
Blue 470
660
1150
40° x 100°
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength, λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
5. Tolerance for each bin limit is ± 15%
Part Numbering System
A
L
M
D
-
x1 x2 x3 x4
-
x5 x6 x7 x8 x9
Code
Description
Option
x1
Package type
L
Oval AlInGaP/InGaN
x2
Color
B
G
L
M
Blue
Red
Amber
Green
x3x4
Viewing angle
37
40 x 100°
x5
Minimum intensity bin
Refer to device selection guide
x6
Maximum intensity bin
Refer to device selection guide
x7
Color bin selection
0
Full distribution
x8x9
Packaging option
02
Tested 20mA, 13inch carrier tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com