Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9960 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9960
Description  Digital Proximity, Ambient Light, RGB and Gesture Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9960 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9960 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9960 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
Functional Block Diagram
Description (Cont.)
Color and ALS detection
The Color and ALS detection feature provides red, green,
blue and clear light intensity data. Each of the R, G, B, C
channels have a UV and IR blocking filter and a dedicated
data converter producing16-bit data simultaneously. This
architecture allows applications to accurately measure
ambient light and sense color which enables devices to
calculate color temperature and control display backlight.
Interrupt
INT
SCL
SDA
Blue
Threshold
Control
GND
Green
Red
Clear
Right
Left
Down
Up
LED K
LED A
VDD
LDR
32 x 4 Byte
FIFO
Gesture
Engine
Proximity
Engine
ALS
RGBC
ADC
PWM
Oscillator
Proximity detection
The Proximity detection feature provides distance mea-
surement (E.g. mobile device screen to user’s ear) by pho-
todiode detection of reflected IR energy (sourced by the in-
tegrated LED). Detect/release events are interrupt driven,
and occur whenever proximity result crosses upper and/
or lower threshold settings. The proximity engine features
offset adjustment registers to compensate for system
offset caused by unwanted IR energy reflections appear-
ing at the sensor. The IR LED intensity is factory trimmed
to eliminate the need for end-equipment calibration due
to component variations. Proximity results are further im-
proved by automatic ambient light subtraction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com