Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-CB20 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-CB20
Description  SMT Top Fire ChipLED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-CB20 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-CB20 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-CB20 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-CB20 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-CB20 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings at TA = 25°C
Parameter
Rating
Unit
DC Forward Current
10
mA
Power Dissipation
32
mW
Operating Temperature
-40 to +85
C
Storage Temperature
-40 to +85
C
Moisture Sensitivity Level
(IPC/JEDEC JSTD020)
2A
-
Optical-Electrical Characteristics at TA = 25°C
Rating
Parameter
Test condition
Min
Typ
Max
Unit
Luminous intensity (Iv)
IF=5mA
11.2
25.0
71.5
mcd
Viewing Angle (2 1/2)
IF=5mA
130
deg.
Peak wavelength ( p)
IF=5mA
468
nm
Dominant wavelength ( d)
IF=5mA
465
475
nm
Forward voltage (VF)
IF=5mA
2.55
3.15
V
0
1
2
3
4
5
6
7
0
20
40
60
80
100
120
FORWARD CURRENT - mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
WAVELENGTH - nm
Relative Luminous Intensity vs. Forward Current
Relative Intensity vs. Wavelength



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com