Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-FJ30 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-FJ30
Description  Mini Surface Mount AF LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-FJ30 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-FJ30 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-FJ30 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-FJ30 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-FJ30 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-FJ30 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-FJ30 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Package Dimensions
1.80
0.55
0.55
SOLDERING
TERMINAL
2.40
1.00
0.55
0.50
POLARITY
P.C. BOARD
MOLDING
BODY (LENS)
Anode
MASK
LED DICE
2.40
Ø1.80
3.20
2.20
Notes:
1. All dimensions in millimeters.
2. Tolerance is ±0.1mm unless otherwise specified.
Device Selection Guide
Color
Part Number
Min. Iv (cd)
Test Current (mA)
Dice Technology
Orange
ASMT-FJ30
5.5
20
AlInGaP
Notes:
1. The luminous intensity IV is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the LED
package.
2. Iv Tolerance = ±15%
Absolute Maximum Ratings at TA = 25°C
Parameter
ASMT-FJ30
Units
DC Forward Current
50
mA
Power Dissipation
125
mW
LED Junction Temperature
95
°C
Operating Temperature Range
-40 to 85
°C
Storage Temperature Range
-40 to 85
°C
Soldering Temperature
refer reflow soldering profile (Figure 6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com