Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-2131 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2131
Description  Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-2131 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-2131 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-2131 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-2131 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-2131 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-2131 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-2131 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-2131 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-2131 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-2131 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Package Dimensions
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED WITH THE
HDSP-2131, HDSP-2132, HDSP-2133, AND HDSP-2179.
Absolute Maximum Ratings
Supply Voltage, VDD to Ground[1]
-0.3 to 7.0 V
Operating Voltage, VDD to Ground[2]
5.5 V
Input Voltage, Any Pin to Ground
-0.3 to VDD +0.3 V
Free Air Operating Temperature Range, TA
-55
°C to +85°C
Storage Temperature, TS
-55
°C to +100°C
CMOS IC Junction Temperature, TJ (IC)
+150
°C
Soldering Temperature [1.59 mm (0.063 in.) Below Body]
Solder Dipping
260
°C for 5 secs
Wave Soldering
250
°C for 3 secs
ESD Protection @ 1.5 k
Ω, 100 pF
VZ = 4 kV (each pin)
Notes:
1. Maximum voltage is with no LEDs illuminated.
2. 20 dots ON in all locations at full brightness.
TYP.
PART NUMBER
DATE CODE
LIGHT INTENSITY CATEGORY
COLOR BIN (NOTE 3)
6.00
(0.24)
4.83
(0.190)
9.91
(0.39)
6.35
(0.250)
4.96
(0.195)
1.78
(0.070)
TYP.
0.51
(0.020)
TYP.
1.27
(0.050)
TYP.
MAX.
2.29
(0.090)
TYP.
SEATING
PLANE
2.54
(0.100)
NON-ACCUM.
6.10
(0.24)
7.62
(0.300)
REF.
0.38
(0.015)
TYP.
PIN #
FUNCTION
PIN #
FUNCTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLS
CLK
WR
CE
RST
RD
NO PIN
NO PIN
NO PIN
NO PIN
D0
D1
D2
D3
NC
VDD
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
GND (SUPPLY)
GND (LOGIC)
D4
D5
D6
D7
NO PIN
NO PIN
NO PIN
NO PIN
FL
A0
A1
A2
A3
A4
2.85
(0.112)
PIN 17
TYP.
2.67
(0.105)
42.72 (1.68)
TYP.
5.33
(0.210)
PIN #1
IDENTIFIER
NOTES:
1. ALL DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE IS
± 0.30 mm (0.015 INCH).
3. FOR GREEN AND YELLOW DEVICES ONLY.
4. LEADS ARE COPPER ALLOY, SOLDER DIPPED.
12.70
(0.50)
HDSP-213X/2179
HDSP-XXXX
YYWW
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com