Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2305 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2305
Description  PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2305 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX2305 Datasheet HTML 6Page - National Semiconductor (TI) LMX2305 Datasheet HTML 7Page - National Semiconductor (TI) LMX2305 Datasheet HTML 8Page - National Semiconductor (TI) LMX2305 Datasheet HTML 9Page - National Semiconductor (TI) LMX2305 Datasheet HTML 10Page - National Semiconductor (TI) LMX2305 Datasheet HTML 11Page - National Semiconductor (TI) LMX2305 Datasheet HTML 12Page - National Semiconductor (TI) LMX2305 Datasheet HTML 13Page - National Semiconductor (TI) LMX2305 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Application Information (Continued)
EXTERNAL CHARGE PUMP
The LMX PLLatinum series of frequency synthesizers are
equipped with an internal balanced charge pump as well as
outputs for driving an external charge pump Although the
superior performance of NSC’s on board charge pump elim-
inates the need for an external charge pump in most appli-
cations certain system requirements are more stringent In
these cases using an external charge pump allows the de-
signer to take direct control of such parameters as charge
pump voltage swing current magnitude TRI-STATE leak-
age and temperature compensation
One possible architecture for an external charge pump cur-
rent source is shown in
Figure 9 The signals wp and wr in
the diagram correspond to the phase detector outputs of
the LMX2305 frequency synthesizer These logic signals are
converted into current pulses using the circuitry shown in
Figure 9 to enable either charging or discharging of the
loop filter components to control the output frequency of the
PLL
Referring to
Figure 9 the design goal is to generatea5mA
current which is relatively constant to within 05V of the
power supply rail To accomplish this it is important to es-
tablish as large of a voltage drop across R5 R8 as possible
without saturating Q2 Q4 A voltage of approximately 300
mV provides a good compromise This allows the current
source reference being generated to be relatively repeat-
able in the absence of good Q1 Q2Q3 Q4 matching
(Matched transistor pairs is recommended) The wp and wr
outputs are rated for a maximum output load current of 1
mA while 5 mA current sources are desired The voltages
developed across R4 9 will consequently be approximately
258 mV or 42 mV k R8 5 due to the current density differ-
ences 0026 1n (5 mA1 mA) through the Q1 Q2Q3 Q4
pairs
In order to calculate the value of R7 it is necessary to first
estimate the forward base to emitter voltage drop (Vfnp) of
the transistors used the VOL drop of wp and the VOH drop
of wr’s under 1 mA loads (wp’s VOL k 01V and wr’s
VOH k 01V)
Knowing these parameters along with the desired current
allow us to design a simple external charge pump Separat-
ing the pump up and pump down circuits facilitates the no-
dal analysis and give the following equations
R4 e
VR5 b VT # ln
#isource
ip max
J
isource
R9 e
VR8 b VT # ln
# isink
in max
J
isink
R5 e
VR5
ip max
R8 e
VR8
ir max
R6 e
(Vp b VVOLwp) b (VR5 a Vfp)
ip max
R7 e
(VP b VVOHwr) b (VR8 a Vfn)
imax
EXAMPLE
Typical Device Parameters
bn e100 bp e 50
Typical System Parameters
VP e 50V
Vcntl e 05V b 45V
Vwp e 00V Vwr e 50V
Design Parameters
ISINK e ISOURCE e 50 mA
Vfn e Vfp e 08V
Irmax e Ipmax e 1mA
VR8 e VR5 e 03V
VOLwp e VOHwr e 100 mV
TLW12459 – 28
FIGURE 9
Therefore select
R4 e R9 e
03V b 0026
# 1n(50 mA10 mA)
5mA
e
516X
R5 e
03V
10 mA
e
300X
R8 e
03V
10 mA
e
300X
R6 e R7 e
(5V b 01V) b (03V a 08V)
10 mA
e
38 kX
http
www nationalcom
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com