Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC140.07.0100A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PC140.07.0100A
Description  Ultra Low Profile
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC140.07.0100A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PC140.07.0100A Datasheet HTML 1Page - Taoglas antenna solutions PC140.07.0100A Datasheet HTML 2Page - Taoglas antenna solutions PC140.07.0100A Datasheet HTML 3Page - Taoglas antenna solutions PC140.07.0100A Datasheet HTML 4Page - Taoglas antenna solutions PC140.07.0100A Datasheet HTML 5Page - Taoglas antenna solutions PC140.07.0100A Datasheet HTML 6Page - Taoglas antenna solutions PC140.07.0100A Datasheet HTML 7Page - Taoglas antenna solutions PC140.07.0100A Datasheet HTML 8Page - Taoglas antenna solutions PC140.07.0100A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SPE-16-8-069/A/WY
Page 2 of 14
1. Introduction
The PC140 is an embedded lowest profile circularly polarized (RHCP) antenna
working at the 2.4GHz band for mobile Wi-Fi, Bluetooth, and ISM applications
where the orientation to the other device may be unknown. Use of a circularly
polarized antenna will enable a more stable and reliable link when the
orientation and the direction of the antenna to the communicating device is
constantly changing.
Typical applications would be
- Autonomous Vehicles
- UAV’s
- Robotics
The PC140 antenna is made from FR4 with 57*57*0.97mm (with double sided
adhesive), and comes standard with a 100mm 1.13 coaxial cable and IPEX
connector for easy installation. The double-sided 3M adhesive allows for easy
peel and stick mounting, attaching securely to non-metal surfaces. The PC140
is designed for applications at 2.4GHz that require circular polarization and low
cost.
This antenna has superior axial ratio between 3.2 and 3.75 in the 2.4GHz band.
This is proof of it’s strengthened circular polarization.
With a peak gain of 2dBi, the PC140 antenna has a typical efficiency of more
than 60% across WI-FI bands and is designed to be mounted directly onto a
plastic or glass cover. It is an ideal choice for any device maker that desires
ease of integration and needs to keep manufacturing costs down over the
lifetime of a product. Cable and connector can be customized, contact your
regional Taoglas sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com