Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP.2450.10.4.A.02 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # SWLP.2450.10.4.A.02
Description  Linearly Polarized
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP.2450.10.4.A.02 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  SWLP.2450.10.4.A.02 Datasheet HTML 1Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 2Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 3Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 4Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 5Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 6Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 7Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 8Page - Taoglas antenna solutions SWLP.2450.10.4.A.02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SPE-15-8-009/B/WY
Page 2 of 17
1. Introduction
The SWLP.2450.10.4.A.02 patent pending 10mm SMT ceramic patch antenna is a
breakthrough antenna in terms of size and performance. The smallest 2.4GHz patch
available worldwide, it is ideally suited for 2.4 GHz applications such as Bluetooth LE,
Wi-Fi, ISM, and ZigBee. It was developed specifically for Bluetooth LE wearable
applications to work directly on ground (except for feed area) and over metal, device
environments which traditional chip antennas cannot operate in. The antenna also
does not need ground plane clearance around it (except for feed area). It provides
omni-directional coverage similar to chip antennas on small boards.
The antenna exhibits 24.8% efficiency on a 12*16mm ground plane at 2455 MHz. If
utilized on a 50*50 ground plane, efficiency will improve to 40% at 2455MHz.
Typical applications are:
* Wearables
* Tablets
* Hand-held devices
* USB dongles
* Smart home applications
The SWLP.2450.10.4.A.02 can be placed in any position on the device ground plane.
Like all small antennas, frequency detuning or efficiency change can occur due to
surrounding components and enclosure housing. Larger ground-planes increase peak
gain and efficiency. Taoglas helps customers fine tune the antenna for optimal
performance through matching, correct board layout, transmission line design, and if
necessary, custom antenna tuning for a MOQ.
Many module manufacturers specify peak gain limits for any antennas that are to be
connected to that module. Those peak gain limits are based on free-space conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com