Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5100 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5100 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5100 Datasheet HTML 1Page - National Semiconductor (TI) LM5100 Datasheet HTML 2Page - National Semiconductor (TI) LM5100 Datasheet HTML 3Page - National Semiconductor (TI) LM5100 Datasheet HTML 4Page - National Semiconductor (TI) LM5100 Datasheet HTML 5Page - National Semiconductor (TI) LM5100 Datasheet HTML 6Page - National Semiconductor (TI) LM5100 Datasheet HTML 7Page - National Semiconductor (TI) LM5100 Datasheet HTML 8Page - National Semiconductor (TI) LM5100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Connection Diagrams
Ordering Information
Ordering Number
Package Type
NSC Package Drawing
Supplied As
LM5100/01M
SOIC-8
M08A
Shipped in anti static rails
LM5100/01MX
SOIC-8
M08A
2500 shipped as Tape & Reel
LM5100/01SD
LLP-10
SDC10A
1000 shipped as Tape & Reel
LM5100/01SDX
LLP-10
SDC10A
4500 shipped as Tape & Reel
Pin Description
Pin #
Name
Description
Application Information
SO-8
LLP-10
11
V
DD
Positive gate drive supply
Locally decouple to V
SS using low ESR/ESL capacitor located
as close to IC as possible.
2
2
HB
High side gate driver
bootstrap rail
Connect the positive terminal of the bootstrap capacitor to HB
and the negative terminal to HS. The Bootstrap capacitor
should be place as close to IC as possible.
3
3
HO
High side gate driver output
Connect to gate of high side MOSFET with a short low
inductance path.
4
4
HS
High side MOSFET source
connection
Connect to bootstrap capacitor negative terminal and the
source of the high side MOSFET.
5
7
HI
High side driver control input
The LM5100 inputs have CMOS type thresholds. The LM5101
inputs have TTL type thresholds. Unused inputs should be
tied to ground and not left open.
6
8
LI
Low side driver control input
The LM5100 inputs have CMOS type thresholds. The LM5101
inputs have TTL type thresholds. Unused inputs should be
tied to ground and not left open.
79
V
SS
Ground return
All signals are referenced to this ground.
8
10
LO
Low side gate driver output
Connect to the gate of the low side MOSFET with a short low
inductance path.
Note: For LLP-10 package, it is recommended that the exposed pad on the bottom of the LM5100 / LM5101 be soldered to ground plane on the PC board,
and the ground plane should extend out from beneath the IC to help dissipate the heat. Pins 5 and 6 have no connection.
20088801
20088802
FIGURE 2.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com