Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4670SD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4670SD
Description  Filterless High Efficiency 3W Switching Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4670SD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4670SD Datasheet HTML 1Page - National Semiconductor (TI) LM4670SD Datasheet HTML 2Page - National Semiconductor (TI) LM4670SD Datasheet HTML 3Page - National Semiconductor (TI) LM4670SD Datasheet HTML 4Page - National Semiconductor (TI) LM4670SD Datasheet HTML 5Page - National Semiconductor (TI) LM4670SD Datasheet HTML 6Page - National Semiconductor (TI) LM4670SD Datasheet HTML 7Page - National Semiconductor (TI) LM4670SD Datasheet HTML 8Page - National Semiconductor (TI) LM4670SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note 1)
6.0V
Storage Temperature
−65˚C to +150˚C
Voltage at Any Input Pin
V
DD + 0.3V
≥ V ≥ GND - 0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2.0kV
ESD Susceptibility (Note 5)
200V
Junction Temperature (T
JMAX)
150˚C
Thermal Resistance
θ
JA (micro SMD)
220˚C/W
θ
JA (LLP)
64˚C/W
θ
JC (LLP)
TBD˚C/W
Soldering Information
See AN-1112 "microSMD Wafers Level Chip Scale
Package."
Operating Ratings (Note 1) (Note 2)
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.4V
≤ V
DD
≤ 5.5V
Electrical Characteristics (Notes 1, 2)
The following specifications apply for A
V = 2V/V (RI = 150k
Ω), R
L =15µH+8
Ω + 15µH unless otherwise specified. Limits ap-
ply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4670
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
|V
OS|
Differential Output Offset Voltage
V
I = 0V, AV = 2V/V,
V
DD = 2.4V to 5.0V
25
mV (max)
PSRR
GSM
GSM Power Supply Rejection Ratio
V
DD = 2.4V to 5.0V,
Input Referred
64
dB
CMRR
GSM
GSM Common Mode Rejection
Ratio
V
DD = 2.4V to 5.0V
V
IC =VDD/2 to 0.5V,
V
IC =VDD/2 to VDD – 0.8V,
Input Referred
80
dB
|I
IH|
Logic High Input Current
V
DD = 5.0V, VI = 5.8V
20
100
µA (max)
|I
IL|
Logic Low Input Current
V
DD = 5.0V, VI = –0.3V
1
5
µA (max)
V
IN = 0V, No Load, VDD = 5.0V
7.0
10
mA (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, No Load, VDD = 3.6V
4.8
mA
V
IN = 0V, No Load, VDD = 2.4V
3.8
5
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN =0V
V
DD = 2.4V to 5.0V
0.01
1
µA (max)
V
SDIH
Shutdown voltage input high
1.0
1.4
V (min)
V
SDIL
Shutdown voltage input low
0.8
0.4
V (max)
R
OSD
Output Impedance
V
SHUTDOWN = 0.4V
>100
k
Ω
A
V
Gain
300k
Ω/R
I
270k
Ω/R
I
330k
Ω/R
I
V/V (min)
V/V (max)
R
SD
Resistance from Shutdown Pin to
GND
300
k
Ω
P
O
Output Power
R
L =15µH+4
Ω + 15µH,
THD = 10% (max)
f = 1kHz, 22kHz BW
V
DD =5V
V
DD = 3.6V
V
DD = 2.5V
3.0
1.5
675
W
W
mW
R
L =15µH+4
Ω + 15µH,
THD+N = 1% (max)
f = 1kHz, 22kHz BW
V
DD = 5V,
V
DD = 3.6V,
V
DD = 2.5V,
2.3
1.2
550
W
W
mW
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com