Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX331 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # LMX331
Description  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX331 Datasheet(HTML) 2 Page - Maxim Integrated Products

  LMX331 Datasheet HTML 1Page - Maxim Integrated Products LMX331 Datasheet HTML 2Page - Maxim Integrated Products LMX331 Datasheet HTML 3Page - Maxim Integrated Products LMX331 Datasheet HTML 4Page - Maxim Integrated Products LMX331 Datasheet HTML 5Page - Maxim Integrated Products LMX331 Datasheet HTML 6Page - Maxim Integrated Products LMX331 Datasheet HTML 7Page - Maxim Integrated Products LMX331 Datasheet HTML 8Page - Maxim Integrated Products LMX331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS—2.7V OPERATION
(VDD = 2.7V, VSS = 0, VCM = 0, RL = 5.1k
Ω connected to VDD. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS)...................................-0.3V to +6V
All Other Pins .................................. (VSS - 0.3V) to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ..............247mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
8-Pin SOT23 (derate 8.9mW/°C above +70°C)............714mW
8-Pin µMAX (derate 10.3mW/°C above +70°C) ...........825mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
14-Pin SO (derate 8.3mW/°C above +70°C).............666.7mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
0.2
7
mV
Input Voltage Hysteresis
VHYST
LMX331H/LMX393H/LMX339H only
2
mV
Input Offset Voltage Average
Temperature Drift
TCVOS
5
µV/°C
TA = +25°C
±0.05
±250
TA = -40°C to +85°C
±400
Input Bias Current
IB
TA = -40°C to +125°C
±400
nA
TA = +25°C
±0.05
±50
TA = -40°C to +85°C
±150
Input Offset Current
IOS
TA = -40°C to +125°C
±150
nA
-0.1
Input Voltage Range
VCM
2.0
V
Voltage Gain
AV
LMX331/LMX393/LMX339 only
50
V/mV
Output Saturation Voltage
VSAT
ISINK
≤ 1mA
50
mV
Output Sink Current
IO
VO
≤ 1.5V
5
37
mA
LMX331/LMX331H
50
100
LMX393/LMX393H (both comparators)
70
140
Supply Current (Note 2)
IS
LMX339/LMX339H (all four comparators)
140
200
µA
TA = +25°C
0.003
TA = -40°C to +85°C1
Output Leakage Current
TA = -40°C to +125°C2
µA
AC ELECTRICAL CHARACTERISTICS—2.7V OPERATION
(VDD = 2.7V, VSS = 0, VCM = 0, RL = 5.1k
Ω connected to VDD. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input overdrive = 10mV (Note 3)
500
Propagation Delay
Output High to Low
tPHL
Input overdrive = 100mV (Note 3)
100
ns
Input overdrive = 10mV (Note 3)
500
Propagation Delay
Output Low to High
tPLH
Input overdrive = 100mV (Note 3)
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com