Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q106-R00xx Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # Q106-R00xx
Description  Ideal for space limited applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

Q106-R00xx Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  Q106-R00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED Q106-R00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes 5989-1711EN
AV02-3610EN - June 12, 2012
Intensity Bin Limits
Bin
Min.
Max.
E
0.63
1.25
F
1.00
2.00
G
1.60
3.20
H
2.50
5.00
J
4.00
8.00
K
6.30
12.50
L
10.00
20.00
M
16.00
32.00
N
25.00
50.00
P
40.00
80.00
Q
63.00
125.00
R
100.00
200.00
S
160.00
320.00
T
250.00
500.00
U
400.00
800.00
V
630.00
1250.00
W
1000.00
2000.00
X
1600.00
3200.00
Y
2500.00
5000.00
Color Bin Limits
Package
Bin
Min.
Max.
Red
0
Full Distribution
Mechanical Option
00
Straight Leads, Bulk Packaging, Quantity of 500 Parts
11
Gull Wing Leads, 12 mm Tape on 7 in. Dia. Reel, 1500 Parts per Reel
12
Gull Wing Lead, Bulk Packaging, Quantity of 500 Parts
14
Gull Wing Leads, 12 mm Tape on 13 in. Dia. Reel, 6000 Parts per Reel
21
Yoke Leads, 12 mm Tape on 7 in. Dia. Reel, 1500 Parts per Reel
22
Yoke Leads, Bulk Packaging, Quantity of 500 Parts
24
Yoke Leads, 12 mm Tape on 13 in. Dia. Reel, 6000 Parts per Reel
31
Z-Bend Leads, 12 mm Tape on 7 in. Dia. Reel, 1500 Parts per Reel
32
Z-Bend Leads, Bulk Packaging, Quantity of 500 Parts
34
Z-Bend Leads, 12 mm Tape on 13 in. Dia. Reel, 6000 Parts per Reel
Note:
All Categories are established for classification of products. Products may not be available in all
categories. Please contact your local Avago representative for further clarification/information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com