Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMF-C116 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C116
Description  Suitable for application that requires small pitch size
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C116 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C116 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C116 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C116 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C116 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C116 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C116 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C116 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings (TJ = 25°C)
Parameter
AlInGaP Red
InGaN Green
InGaN Blue
Unit
DC Forward Current [1]
10
10
10
mA
Peak Forward Current [2]
60
60
60
mA
Power Dissipation
22
31
33
mW
LED Junction Temperature
95
95
95
°C
Operating Temperature Range
-40 to 85
°C
Storage Temperature Range
-40 to 85
°C
Notes:
1.
Derate linearly as shown in Figure 7.
2.
1/10 duty factor and 0.1ms pulse width.
Optical Characteristics (TJ = 25°C, R=10mA, G/B=5mA)
Color
Luminous Intensity,
Iv(mcd) [1]
Peak Wavelength,
λp(nm)
Dominant
Wavelength,
λd (nm) [2]
Viewing Angle,
2θ1/2 (°) [3]
Min.
Typ.
Max.
Typ.
Typ.
Typ.
Red
63.0
80.0
140.0
631
622
137
Green
140.0
220.0
315.0
520
528
140
Blue
32.0
45.0
71.0
466
471
140
Notes:
1.
The luminous intensity is measured at the mechanical axis of the LED package. The actual peak of the spatial radiation pattern may not
be aligned with the axis.
2.
The dominant wavelength is derived from the CIE chromaticity diagram and represents the perceived color of the device.
3.
Θ1/2 is the off axis angle where the luminous intensity is ½ the peak intensity.
Electrical Characteristics (TJ = 25°C, R=10mA, G/B=5mA)
Color
Forward Voltage, VF (V) [1]
Reverse Voltage, VR (V)[2] at IR=100μA
Min.
Max.
Min.
Red
1.8
2.2
5
Green
2.5
3.1
5
Blue
2.7
3.3
5
Notes:
1.
Forward voltage tolerance ±0.1V.
2.
Reverse voltage indicates product final test. Long term reverse bias is not recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com