Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS1585 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1585
Description  5A and 3A Low Dropout Fast Response Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1585 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMS1585 Datasheet HTML 1Page - National Semiconductor (TI) LMS1585 Datasheet HTML 2Page - National Semiconductor (TI) LMS1585 Datasheet HTML 3Page - National Semiconductor (TI) LMS1585 Datasheet HTML 4Page - National Semiconductor (TI) LMS1585 Datasheet HTML 5Page - National Semiconductor (TI) LMS1585 Datasheet HTML 6Page - National Semiconductor (TI) LMS1585 Datasheet HTML 7Page - National Semiconductor (TI) LMS1585 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ordering Information
Output
Current
Package
Temperature Range
Part Number
Transport Media
NSC
Drawing
3A
TO-263
0˚C to 125˚C
LMS1587CS-ADJ
Rails
TS3B
LMS1587CSX-ADJ
Tape and Reel
LMS1587CS-1.5
Rails
LMS1587CSX-1.5
Tape and Reel
LMS1587CS-3.3
Rails
LMS1587CSX-3.3
Tape and Reel
−40˚C to 125˚C
LMS1587IS-ADJ
Rails
LMS1587ISX-ADJ
Tape and Reel
LMS1587IS-1.5
Rails
LMS1587ISX-1.5
Tape and Reel
LMS1587IS-3.3
Rails
LMS1587ISX-3.3
Tape and Reel
TO-220
0˚C to 125˚C
LMS1587CT-ADJ
Rails
T03B
LMS1587CT-1.5
Rails
LMS1587CT-3.3
Rails
−40˚C to 125˚C
LMS1587IT-ADJ
Rails
LMS1587IT-1.5
Rails
LMS1587IT-3.3
Rails
5A
TO-263
0˚C to 125˚C
LMS1585ACS-ADJ
Rails
TS3B
LMS1585ACSX-ADJ
Tape and Reel
LMS1585ACS-1.5
Rails
LMS1585ACSX-1.5
Tape and Reel
LMS1585ACS-3.3
Rails
LMS1585ACSX-3.3
Tape and Reel
−40˚C to 125˚C
LMS1585AIS-ADJ
Rails
LMS1585AISX-ADJ
Tape and Reel
LMS1585AIS-1.5
Rails
LMS1585AISX-1.5
Tape and Reel
LMS1585AIS-3.3
Rails
LMS1585AISX-3.3
Tape and Reel
TO-220
0˚C to 125˚C
LMS1585ACT-ADJ
Rails
T03B
LMS1585ACT-1.5
Rails
LMS1585ACT-3.3
Rails
−40˚C to 125˚C
LMS1585AIT-ADJ
Rails
LMS1585AIT-1.5
Rails
LMS1585AIT-3.3
Rails
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com