Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX339ASD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # LMX339ASD
Description  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX339ASD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button LMX339ASD Datasheet HTML 2Page - Maxim Integrated Products LMX339ASD Datasheet HTML 3Page - Maxim Integrated Products LMX339ASD Datasheet HTML 4Page - Maxim Integrated Products LMX339ASD Datasheet HTML 5Page - Maxim Integrated Products LMX339ASD Datasheet HTML 6Page - Maxim Integrated Products LMX339ASD Datasheet HTML 7Page - Maxim Integrated Products LMX339ASD Datasheet HTML 8Page - Maxim Integrated Products LMX339ASD Datasheet HTML 9Page - Maxim Integrated Products LMX339ASD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 5V, VSS = 0, VCM = 0, RL = 5.1k
Ω, CL = 10pF, overdrive = 100mV, TA = +25°C, unless otherwise noted.)
0
0.5
1.0
1.5
2.0
2.5
3.0
-40
0
-20
20
40
60
80
100 120
LMX331H/LMX393H/LMX339H
HYSTERESIS vs. TEMPERATURE
TEMPERATURE (
°C)
0
1
3
2
4
5
13
24
5
6
LMX331H/LMX393H/LMX339H
HYSTERESIS vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TIME (200ns/div)
(IN-) - IN+
100mV/div
OUT
2V/div
PROPAGATION DELAY
100mV OVERDRIVE
TIME (200ns/div)
(IN-) - IN+
10mV/div
OUT
2V/div
PROPAGATION DELAY
10mV OVERDRIVE
TIME (500ns/div)
(IN-) - IN+
100mV/div
OUT
2V/div
500kHz RESPONSE
100mV OVERDRIVE
TIME (500ns/div)
(IN-) - IN+
10mV/div
OUT
2V/div
500kHz RESPONSE
10mV OVERDRIVE
TIME (2
µs/div)
(IN-) - IN+
100mV/div
OUT
2V/div
100kHz RESPONSE
100mV OVERDRIVE
TIME (2
µs/div)
(IN-) - IN+
10mV/div
OUT
2V/div
100kHz RESPONSE
10mV OVERDRIVE
TIME (1
µs/div)
VDD
2V/div
OUT
2V/div
POWER-UP RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com