Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTSAT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTSAT
Description  Platinum SMD Flat Chip Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTSAT Datasheet(HTML) 1 Page - Vishay Siliconix

  PTSAT Datasheet HTML 1Page - Vishay Siliconix PTSAT Datasheet HTML 2Page - Vishay Siliconix PTSAT Datasheet HTML 3Page - Vishay Siliconix PTSAT Datasheet HTML 4Page - Vishay Siliconix PTSAT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PTS AT
www.vishay.com
Vishay Beyschlag
Revision: 08-Dec-15
1
Document Number: 28899
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Platinum SMD Flat Chip
Temperature Sensor
PTS AT SMD flat chip temperature sensors are the perfect
choice for temperature control of electronics operating
under
varying
environmental
conditions.
The
highly
controlled
platinum
thin
film
manufacturing
process
guarantees
an
outstanding
stability
of
temperature
characteristics which ensures reliable operation even under
harsh conditions. Typical applications include automotive,
aviation and industrial electronics.
FEATURES
• Standardized characteristics according to
IEC 60751
• AEC-Q200 qualified
• Short reaction times down to
t0.9 ≤ 3 s (in air)
• Outstanding stability of temperature
characteristic
• Superior temperature cycling robustness
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Temperature measurement and control in
• Automotive electronics
• Aviation electronics
• Industrial electronics
Notes
(1) Indicated measurement currents can be applied continuously with self-heating effect of less then 0.1 °C.
(2) Valid for sensor element only.
TECHNICAL SPECIFICATIONS
DESCRIPTION
PTS0603M
PTS0805M
PTS1206M
Resistance values
R0 at 0 °C
100
Ω
100
Ω, 500 Ω
100
Ω, 500 Ω, 1000 Ω
Temperature coefficient (0 °C to +100 °C)
+3850 ppm/K
Tolerance classes
F0.3, F0.6
Temperature range
-55 °C to +175 °C
Long term stability |
ΔR0/R0|;
R0 change after 1000 h at +155 °C
≤ 0.1 %
Insulation resistance
> 10 M
Ω
Measurement current Imeas. (DC)
(1)
100
Ω
0.1 mA to 0.50 mA
0.1 mA to 1.0 mA
0.1 mA to 1.0 mA
500
Ω
-
0.1 mA to 0.40 mA
0.1 mA to 0.40 mA
1000
Ω
-
-
0.1 mA to 0.25 mA
Self-heating at 0 °C (2)
Calm air
(
v = 0.0 m/s)
≤ 0.9 K/mW
≤ 0.8 K/mW
≤ 0.7 K/mW
Thermal response time (2)
Flowing water
(
v = 0.4 m/s)
t0.5 ≤ 0.1 s
t0.5 ≤ 0.2 s
t0.5 ≤ 0.3 s
t0.9 ≤ 0.2 s
t0.9 ≤ 0.3 s
t0.9 ≤ 0.4 s
Flowing air
(
v = 3.0 m/s)
t0.5 ≤ 1.0 s
t0.5 ≤ 1.5 s
t0.5 ≤ 2.0 s
t0.9 ≤ 2.0 s
t0.9 ≤ 3.0 s
t0.9 ≤ 5.0 s


Similar Part No. - PTSAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTSAT VISHAY-PTSAT Datasheet
126Kb / 5P
Temperature Dependent Platinum Thin Film Chip Resistor (RTD)
25-Jun-2019
PTSATAU VISHAY-PTSATAU Datasheet
581Kb / 5P
Gold Terminated Platinum SMD Flat Chip Temperature Sensor
29-Sep-2021
PTSAT VISHAY-PTSAT_V01 Datasheet
126Kb / 5P
Temperature Dependent Platinum Thin Film Chip Resistor (RTD)
25-Jun-2019
More results

Similar Description - PTSAT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
Vishay Siliconix
PTS0603 VISHAY-PTS0603 Datasheet
134Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
29-Jan-08
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
IRC - a TT electronics ...
RTD-P1206-42-1000-D IRCTT-RTD-P1206-42-1000-D Datasheet
333Kb / 2P
Platinum Temperature Sensor
logo
RHOPOINT COMPONENTS
51206902 RHOPOINT-51206902 Datasheet
147Kb / 1P
Platinum Temperature Sensor CPT 100 SMD 1206
CPT1000 RHOPOINT-CPT1000 Datasheet
119Kb / 1P
Platinum Temperature Sensor SMD 1206 CPT 1000
logo
Vishay Siliconix
PTS-AT VISHAY-PTS-AT Datasheet
108Kb / 5P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
PTS VISHAY-PTS Datasheet
110Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
Platinum Temperature Sensor
logo
Vishay Siliconix
PTSATAU VISHAY-PTSATAU Datasheet
581Kb / 5P
Gold Terminated Platinum SMD Flat Chip Temperature Sensor
29-Sep-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com