Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03AB2S Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 03AB2S
Description  COMPACT IEC CONNECTOR FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03AB2S Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  03AB2S Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS
ABSERIES
INTRODUCTIONS
COMPONENTS
ELECTRICAL SCHEMATIC
AB2D
COMPACT IEC CONNECTOR FILTERS
MECHANICAL CONSTRUCTION
INCH
UNIT: MM
FIG. B
G
F
F
L
E
N
I
L
N
SW
Cx
R
L
G'
Cy
Cy
L'
D
A
O
L
N'
FIG. A
G
N
L
I
F
E
N
SW
F
L
L
Cx
R
O
Cy
N'
G'
D
A
Cy
L'
L
2.34MAX.
59.5MAX.
2.54MIN.
64.5MIN.
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
2.36
60.0
+0.02
-0
M3
R0.1
R2.5
1. Power module incorporates an IEC connector, single or double
fuse (IEC 5 x 20mm) holder, and double-pole power switch, plus
an EMI filter all-in-one easy-to-install unit.
2. All part numbers are UL recognized and CSA certified.
PART NO.
Cx (uF)
L (mH)
Cy (pF)
R (Ohm)
01AB2D
01AB2S
03AB2D
03AB2S
06AB2D
06AB2S
10.5
0.22
2.5
2200
1M
0.8
MINIMUM INSERTION LOSS IN dB
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.2mA
@ 250VAC 50Hz: 0.4mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
1A
30
35
40
40
40
35
3A
20
25
30
40
40
35
6A
10
15
20
35
40
35
1A
8
20
3040
4035
3A
7
15
2540
4035
6A
5
15
2035
4035
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
TYPE & RATED CURRENT
DELTA PART NO.
01AB2D
03AB2D
06AB2D
01AB2S
03AB2S
06AB2S
RATED CURRENT 115VAC
1A
3A
6A
1A
3A
6A
250VAC
1A
3A
6A
1A
3A
6A
IEC CONNECTOR
FUSE
DOUBLE
SINGLE
DOUBLE-POLE POWER SWITCH
DOUBLE
DOUBLE
ELECTRICAL SCHEMATIC (FIG.)
A
B
UL & CSA approved current rating: UL/CSA-10A.
Electrical lifetime: 10,000 cycles.
Maximum inrush current: 51A.
4-1


Similar Part No. - 03AB2S

ManufacturerPart #DatasheetDescription
logo
Semikron International
03AC126V1 SEMIKRON-03AC126V1 Datasheet
780Kb / 4P
3-phase bridge inverter
01-10-2009
logo
C&K Components
03ACFA01J-C-E-20 CK-COMPONENTS-03ACFA01J-C-E-20 Datasheet
499Kb / 5P
Mini Size Sealed Snap-acting Switches
2022
03ACFA01J-C-E22 CK-COMPONENTS-03ACFA01J-C-E22 Datasheet
499Kb / 5P
Mini Size Sealed Snap-acting Switches
2022
03ACFA01J-C-E24 CK-COMPONENTS-03ACFA01J-C-E24 Datasheet
499Kb / 5P
Mini Size Sealed Snap-acting Switches
2022
03ACFA01JW-E-20 CK-COMPONENTS-03ACFA01JW-E-20 Datasheet
499Kb / 5P
Mini Size Sealed Snap-acting Switches
2022
More results

Similar Description - 03AB2S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03KEEG3DA DELTA-03KEEG3DA Datasheet
91Kb / 1P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
01GEEG3E DELTA-01GEEG3E Datasheet
569Kb / 3P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
logo
Kemet Corporation
FBNAB2100ZE200 KEMET-FBNAB2100ZE200 Datasheet
8Mb / 5P
IEC Inlet Filters
logo
Delta Electronics, Inc.
03NB4 DELTA-03NB4 Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
04SB4 DELTA-04SB4 Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
06GEEW3QM DELTA-06GEEW3QM Datasheet
452Kb / 2P
IEC INLET FILTERS
08KEEG3EA DELTA-08KEEG3EA Datasheet
256Kb / 1P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GEEW3EM DELTA-10GEEW3EM Datasheet
1Mb / 2P
IEC INLET FILTERS
10GEEW3E-R DELTA-10GEEW3E-R Datasheet
1Mb / 3P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
10SB3S DELTA-10SB3S Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com