Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10SB3 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # 10SB3
Description  COMPACT IEC CONNECTOR FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

10SB3 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  10SB3 Datasheet HTML 1Page - Delta Electronics, Inc. 10SB3 Datasheet HTML 2Page - Delta Electronics, Inc. 10SB3 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-14
SB4
SB3,3S
NB4
NB4
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
L According to Panel Thickness
0.8~2.0mm L=55.9
2.1~3.2mm L-56.2
110 - 120V
FUSE/EMPLOYER
DES FUSIBLES DE 250V
UNIQUEMENT AVEC
USE ONLY WITH 250V
1.26
1.102
28.0
32.0
1.118MAX.
28.4 MAX.
2.02
1.614
1.811
46.0
41.0
51.3
R0.079
+0.008
1.122-0
+0.2
28.5-0
R2.0
SB3,3S
1.118MAX.
28.4 MAX.
2.02
1.811
46.0
41.0
1.614
51.3
0.157
4.0
0.13(2X)
3.3(2X)
28.0
DES FUSIBLES DE 250V
110 - 120V
FUSE/EMPLOYER
USE ONLY WITH 250V
UNIQUEMENT AVEC
50.0
40.0 0.5
1.102
1.575 0.02
1.969
M3
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
40.0 0.1
+0.008
1.122-0
+0.2
28.5-0
R0.079
R2.0
1.575 0.004
SB4
2.02
1.811
46.0
41.0
1.614
51.3
1.118MAX.
28.4 MAX.
0.13(2X)
3.3(2X)
28.0
DES FUSIBLES DE 250V
110 - 120V
FUSE/EMPLOYER
USE ONLY WITH 250V
UNIQUEMENT AVEC
50.0
40.0 0.5
1.102
1.575 0.02
1.969
M3
40.0 0.1
+0.008
1.122-0
+0.2
28.5-0
R0.079
R2.0
1.575 0.004
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
INCH
UNIT:
mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com