Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06BEEG3G-R Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 06BEEG3G-R
Description  SWITCH CONNECTOR FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

06BEEG3G-R Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  06BEEG3G-R Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4-7
BENG3G
BEEG3G
L
O
Cy
A
D
Cy
L'
N'
G'
Cx
L
SW
L
I
L
N
E
G
N
R
R: OPTION
I
N
G
E
N
L
L
SW
R
Cx
N'
L'
G'
Cy
Cy
L
O
D
A
L
Lg
3GA ONLY
UNIT:
INCH
mm
BENG3G
1.563 0.004
R0.14
R3.5
39.7 0.1
1.22 0.004
R2.5(8X)
R0.098(8X)
31.0 0.1
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
Suggested thickness of mounting
panel is from 0.04(1.0) to 0.63(1.6) inch(mm)
of mounting cutout
1.713REF.
43.5REF.
2.146REF.
54.5REF.
2.264REF.
57.5REF.
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
1.713REF.
43.5REF.
2.146REF.
54.5REF.
2.264REF.
57.5REF.
R3.5
M3
1.535 0.004
R0.14
39.0 0.1
BEEG3G
R0.098(8X)
R2.5(8X)
1.417
36.0
SERIES
SWITCH CONNECTOR FILTERS
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
SPECIFICATIONS
1. Designed as a general purpose filter with a switch
effective EMI suppression for both common and
differential mode noise.
2. With optional resistor and Y capacitance 3300pF/1000pF
3. Bleader resistor is added with suffix "-R".
4. Switch electrical lifetime : 10,000 cycles.
Maximum inrush current : 50A.
INTRODUCTIONS
A: with ground choke
PART NO.
Cx (uF) L (mH) Cy (pF) R (
) Lg (mH)
03BEEG3G/NG3G/-R
2.4
03BEEG3GA/NG3GA/-R
06BEEG3G/NG3G/-R
0.8
0.1
2200
1M
0.12
06BEEG3GA/NG3GA/-R
10BEEG3G/NG3G/-R
0.3
10BEEG3GA/NG3GA/-R
COMPONENTS
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
3A (G) (A)
20
30
35
35
35
35
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
6A (G) (A)
10
20
25
35
40
35
10A (G) (A)
5
10
20
30
35
35
3A (G) (A)
4
10
20
35
35
40
6A (G) (A)
4
10
10
35
35
40
10A (G) (A)
5
10
20
30
35
35
MINIMUM INSERTION LOSS IN dB
MECHANICAL CONSTRUCTION
ELECTRICAL SCHEMATIC
D
V
E


Similar Part No. - 06BEEG3G-R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
06BEEG3G DELTA-06BEEG3G Datasheet
494Kb / 1P
SWITCH CONNECTOR FILTERS
06BEEG3G/NG3G/-R DELTA-06BEEG3G/NG3G/-R Datasheet
1Mb / 1P
SWITCH CONNECTOR FILTERS
06BEEG3GA DELTA-06BEEG3GA Datasheet
494Kb / 1P
SWITCH CONNECTOR FILTERS
06BEEG3GA/NG3GA/-R DELTA-06BEEG3GA/NG3GA/-R Datasheet
1Mb / 1P
SWITCH CONNECTOR FILTERS
06BEEG3GM DELTA-06BEEG3GM Datasheet
494Kb / 1P
SWITCH CONNECTOR FILTERS
More results

Similar Description - 06BEEG3G-R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03BEEG3G DELTA-03BEEG3G Datasheet
494Kb / 1P
SWITCH CONNECTOR FILTERS
logo
Frequency Devices, Inc.
R854 FREQUENCYDEVICES-R854 Datasheet
441Kb / 13P
2" x 4" Range Switch 4-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
2" x 4" Range Switch 8-Pole Filters
logo
Pulse A Technitrol Comp...
PE-52647 PULSE-PE-52647 Datasheet
72Kb / 1P
Switch Mode Power Converters & Ripple Filters
P587 PULSE-P587 Datasheet
72Kb / 1P
Switch Mode Power Converters & Ripple Filters
logo
Delta Electronics, Inc.
03NB4 DELTA-03NB4 Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
04BEEG3F-R DELTA-04BEEG3F-R Datasheet
694Kb / 1P
DUAL-FUSE CONNECTOR FILTERS
04BEEG3H DELTA-04BEEG3H Datasheet
189Kb / 1P
FUSE CONNECTOR FILTERS
04SB4 DELTA-04SB4 Datasheet
3Mb / 3P
COMPACT IEC CONNECTOR FILTERS
10BENG3G DELTA-10BENG3G Datasheet
1Mb / 1P
SWITCH CONNECTOR FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com