Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08KENG3EAM-R Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 08KENG3EAM-R
Description  HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

08KENG3EAM-R Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  08KENG3EAM-R Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
mm
INCH
UNIT:
MECHANICAL CONSTRUCTION
MINIMUM INSERTION LOSS IN dB
ELECTRICAL SCHEMATIC
KENSERIES
DVE
COMPONENTS
SPECIFICATIONS
FREQUENCY-MHz
.15
.50
1.0
5.0
10
30
20
30
30
30
25
10
10
12
15
15
15
10
5
1012
12
1210
0
1012
25
2520
0
1012
25
2520
0
1012
25
2520
3A
8A
10A
3A
8A
10A
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 2uA
@ 250VAC 50Hz: 5u A
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
HIGH PERFORMANCE
IEC INLET SNAP-IN FILTERS
7-5
PART NO.
L (mH) Cx (uF) Lg (uH)
03KENG3DAM/03KENW3DAM
03KENG3EAM/03KENW3EAM
08KENG3DAM/08KENW3DAM
08KENG3EDAM/08KENW3EAM
10KENG3DAM/10KENW3DAM
10KENG3EAM/10KENW3EAM
3.1
0.047
3.1
0.1
0.8
0.047
0.8
0.1
0.4
0.047
0.4
0.1
*
*
*
*
*
*
** UL, CSA & VDE approved to 9A 115/250VAC
* VDE approved to 6A 250V
G3DAM
W3DAM
1. Applications for
health care equipment.
UL 544 & UL 2601
2. Specially designed with ground choke providing most effective
EMI suppression for high frequency noise (ranged 5MHz-25MHz).
3. Bleeder resistor can be added with suffix "-R" on part numbers.
4. With optional 0.1uF X capacitor instead of 0.047uF.
5. With optional solder lug connection instead of fast on terminal.
1.12
28.45
SUGGESTED MOUNTING CUTOUT
28.4 MAX.
1.12 MAX.
2
1
1.22 0.02
31.5 0.5
5
0.04~0.063
R0.08 MAX.
-0
+0.3
+0.012
-0
1.0~1.6
R2.0 MAX.
4
G
28.4 MAX.
1.12 MAX.
3
1.22 0.02
31.5 0.5
5
1
2
R0.08MAX.
SUGGESTED MOUNTING CUTOUT
0.04~0.063
28.45 -0
+0.3
+0.012
1.12 -0
1.0~1.6
R2.0MAX.
SUGGESTED THICKNESS OF
MOUNTING PANEL IS FROM
0.04 (1.0) TO 0.063 (1.6)
INCH (MM) OF MOUNTING CUTOUT
ALL WIRE LEADS 4.0" LONG MIN.
CURRENT
RATING
Cx
R
Lg
G
L
N
L
G'
N'
L'
R: 1M /-R ONLY
E
N
I
L
D
A
O
L
INTRODUCTIONS
100


Similar Part No. - 08KENG3EAM-R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
08KENG3EA DELTA-08KENG3EA Datasheet
163Kb / 1P
HIGH PERFORMANCE SNAP-IN FILTERS
More results

Similar Description - 08KENG3EAM-R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03GENG3E DELTA-03GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E-R DELTA-03GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GENG3E DELTA-06GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GENG3E-R DELTA-06GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
HIGH PERFORMANCE IEC INLET FILTERS
10GENG3E-R DELTA-10GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GENW3E DELTA-10GENW3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
15GENG3E DELTA-15GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
20GENG3E-R DELTA-20GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
GEN DELTA-GEN Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com