Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10GEEW3E-R Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 10GEEW3E-R
Description  HIGH PERFORMANCE IEC CONNECTOR FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

10GEEW3E-R Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  10GEEW3E-R Datasheet HTML 1Page - Delta Electronics, Inc. 10GEEW3E-R Datasheet HTML 2Page - Delta Electronics, Inc. 10GEEW3E-R Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-4
SERIES
HIGH PERFORMANCE IEC
CONNECTOR FILTERS
SPECIFICATIONS
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
ELECTRICAL SCHEMATIC
E
N
L
N
G
L
I
Cx
R
L
Cy
Cy
N'
G'
L'
D
A
O
L
MINIMUM INSERTION LOSS IN dB
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
1A(E)(S)
28
35
38
38
40
40
1A(H)
26
36
44
54
55
55
1A(G3V)
24
35
42
50
55
55
1A(W3V)
24
35
42
50
55
55
3A(E)(S)(Q)
20
25
30
38
40
40
3A(H)
24
30
38
50
55
40
3A(G3J,W3J)
20
25
30
38
40
40
3A(G3V)(W3V)
20
29
36
48
46
50
6A(E)(S)
12
18
24
35
40
40
6A(H)
15
25
28
35
45
45
6A(Q)
15
20
24
35
40
55
6A(G3V)(W3V)
14
23
30
42
45
50
10A(E)(S)
4
10
13
28
35
40
10A(C)
10
15
15
25
30
35
10A(Q)
10
12
15
30
32
45
15A(E)
4
10
13
28
35
40
20A
8
10
15
25
30
35
COMMON MODE (L-G) IN 50 OHM SYSTEM
03GEEG3E
06GEEG3E
0 dB
10K
60 dB
20 dB
40 dB
100K
1M
10M
80 dB
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
INSERTION LOSS (TYPICAL)
20GEEG3E
COMMON MODE
DIFF. MODE
100K
40 dB
20 dB
0 dB
10K
80 dB
60 dB
1M
10M
1. A high performance general purpose filter with an IEC
connector providing effective EMI suppression.
2. Bleeder resistor can be added with suffix "-R" on part
numbers, except "G3H","G3V","W3V","G3J","W3J",types.
3. All part numbers are UL recognized, CAS
and VDE
approved.
4. With optional Y-Cap from 100pF to 3300pF.
certified
INTRODUCTIONS
COMPONENTS
UL, CSA approved to 4A 115/250V
UL, CSA approved to 8A 115/250V
UL, CSA approved to 13A 115/250V
VDE approved to 16A/250V
*
*
*
VDE approved to 8A/250V
VDE approved to 10A/250V
*
*
*
*
*
*
*
*
*
PART NO.
Cx (uF)
L (mH)
Cy (pF) R (
)
01GEEG3E/W3E/-R
6.5
2200
1M
01GEEG3H/G3V/W3V
3
3300
01GEEG3S/-R
10.5
03GEEG3E/W3E/W3ES/-R
2200
1M
03GEEG3U/-R
03GEEW3ES/-R
2.5
03GEEG3H/G3V/W3V
3300
03GEEG3S/-R
1M
03GEEG3Q/W3Q-R
4
03GEEW3J
2200
2.4
03GEHG3J
06GEEG3E/W3E/W3ES/-R
0.1
1M
06GEEG3U/-R
0.8
06GEEG3H/G3V/W3V
3300
1.05
06GEEG3S/-R
1.5
06GEEG3Q/W3Q-R
0.4
10GEEG3C/W3C/-R
10GEEG3E/W3E/W3ES/-R
0.2
10GEEG3S/-R
2200
1M
10GEEG3Q/W3Q/-R
0.3
10GEEG3U/-R
15GEEG3E/W3E/-R
0.2
20GEEG3E/W3E/-R
0.3
OR
D
V
E


Similar Part No. - 10GEEW3E-R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
10GEEW3E DELTA-10GEEW3E Datasheet
569Kb / 3P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GEEW3EM DELTA-10GEEW3EM Datasheet
1Mb / 2P
IEC INLET FILTERS
10GEEW3ES DELTA-10GEEW3ES Datasheet
569Kb / 3P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
10GEEW3ES-R DELTA-10GEEW3ES-R Datasheet
569Kb / 3P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results

Similar Description - 10GEEW3E-R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03KEEG3DA DELTA-03KEEG3DA Datasheet
91Kb / 1P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
01GEEG3E DELTA-01GEEG3E Datasheet
569Kb / 3P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
03GENG3E DELTA-03GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
03SEEG3H DELTA-03SEEG3H Datasheet
61Kb / 1P
TWO-STAGE HIGH PERFORMANCE IEC CONNECTOR FILTERS
06GKEW3E DELTA-06GKEW3E Datasheet
164Kb / 1P
MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KEEG3EA DELTA-08KEEG3EA Datasheet
256Kb / 1P
HIGH PERFORMANCE IEC CONNECTOR FILTERS
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
HIGH PERFORMANCE IEC INLET FILTERS
10GKEW3E DELTA-10GKEW3E Datasheet
164Kb / 1P
MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
15GENG3E DELTA-15GENG3E Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
20GENG3E-R DELTA-20GENG3E-R Datasheet
1Mb / 2P
SNAP-IN MOUNTING HIGH PERFORMANCE IEC CONNECTOR FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com